Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Digitally adjustable gain
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADA4961
Rev. A | Page 19 of 24
–25
–20
–15
–10
–5
0
5
10
10
100
1000
10000
FREQUENCY (MHz)
Figure 42. Measured Frequency Response of the Wideband ADC Interface
Shown in Figure 41
Figure 41 uses a 1:2 impedance transformer to provide the 100 Ω
input impedance of the ADA4961 with a matched input. The
open collector outputs of the ADA4961 are biased through the
two 0.5 μH inductors, and the two 0.1 μF capacitors on the
outputs decouple the 5 V inductor voltage from the input
common-mode voltage of the ADA4961. The two 25 Ω resistors,
in parallel with the 100 Ω input impedance of the AD9625, provide
the 50 Ω load to the ADA4961, where the gain is load
dependent. The 2 nH inductors and 1.5 pF internal capacitance
of the AD9625 constitute the 1 GHz, 1 dB low-pass filter. The
two 5 Ω isolation resistors suppress any switching currents from
the ADC input sample-and-hold circuitry. The circuit shown in
Figure 41 provides variable gain, isolation, filtering, and source
matching for the AD9625. By using this circuit with the
ADA4961 in a gain of 15 dB (maximum gain), a full-scale SNR
(SNRFS) of 55 dB and an SFDR performance of 77 dBc are
achieved at 1 GHz, as shown in Figure 43.
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
0
150M
300M
450M
600M
750M
900M 1.05G
1.2G
FREQUENCY (Hz)
5
2
3
4 6
+
Figure 43. Measured Single Tone Performance of the Circuit Shown
in Figure 41 for a 1 GHz Input Signal using Maximum Gain (15 dB)
The two-tone 1 GHz IMDs of two 0.6 V p-p signals have an
SFDR of greater than 75 dBc, as shown in Figure 44.
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
0
150M
300M
450M
600M
750M
900M 1.05G
1.2G
FREQUENCY (Hz)
2F1 – F2
2F2 – F1
2F1 + F2
F1 + F2
2F2 + F1
F2 – F1
Figure 44. Measured Two-Tone Performance of the Circuit Shown in
Figure 41 for a 1 GHz Input Signal Using Maximum Gain (15 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com