Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8132ARZ-R71
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8132ARZ-R71 Datasheet HTML 7Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 8Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 9Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 10Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 11Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 12Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 13Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 14Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD8132
Rev. I | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
VOCM 2
V+ 3
+OUT 4
+IN
8
NC
7
V–
6
–OUT
5
NC = NO CONNECT
AD8132
Figure 4. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input.
2
VOCM
Voltage applied to this pin sets the common-mode output voltage with a ratio of 1:1. For example, 1 V dc on
VOCM sets the dc bias level on +OUT and −OUT to 1 V.
3
V+
Positive Supply Voltage.
4
+OUT
Positive Output. Note that the voltage at −DIN is inverted at +OUT (see Figure 64).
5
−OUT
Negative Output. Note that the voltage at +DIN is inverted at −OUT (see Figure 64).
6
V−
Negative Supply Voltage.
7
NC
No Connect.
8
+IN
Positive Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com