Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8132ARZ-R71
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8132ARZ-R71 Datasheet HTML 15Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 16Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 17Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 18Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 19Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 20Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 21Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 22Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD8132
Rev. I | Page 18 of 32
FREQUENCY (MHz)
1
10
100
1000
–70
–80
–50
–60
–30
–40
–20
ΔVO, dm
ΔVIN, cm
ΔVO, cm
ΔVIN, cm
VS = ±5V
VIN, cm = 2V p-p
Figure 47. CMRR vs. Frequency (See Figure 61)
FREQUENCY (MHz)
1
10
100
1000
–9
–12
–3
–6
0
ΔVO, cm
ΔVOCM
ΔVOCM = 600mV p-p
ΔVOCM = 2V p-p
3
6
–15
VS = ±5V
Figure 48. VOCM Gain Response
VS = ±5V
VOCM = –1V TO +1V
400mV
5ns
VO, cm
Figure 49. VOCM Transient Response
FREQUENCY (MHz)
1
10
100
1000
–70
–80
–50
–60
–30
–40
–20
ΔVOCM = 2V p-p
ΔVOCM = 600mV p-p
ΔVO, dm
ΔVOCM
–10
Figure 50. VOCM CMRR vs. Frequency
FREQUENCY (Hz)
1k
10
100
10
1
100
1k
10k
100k
1M
10M
100M
8nV/√Hz
Figure 51. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
1k
10
100
10
1
100
1k
10k
100k
1M
10M
100M
1.8pA/√Hz
Figure 52. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com