Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R71 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8132ARZ-R71
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R71 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8132ARZ-R71 Datasheet HTML 17Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 18Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 19Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 20Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 21Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 22Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 23Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 24Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD8132
Rev. I | Page 20 of 32
TEST CIRCUITS
0.1µF
348Ω
348Ω
49.9Ω
24.9Ω
348Ω
348Ω
499Ω
CF
CF
Figure 56. Basic Test Circuit, G = +1
0.1µF
499Ω
499Ω
49.9Ω
24.9Ω
1000Ω
1000Ω
200Ω
Figure 57. Basic Test Circuit, G = +2
0.1µF
499Ω
499Ω
49.9Ω
24.9Ω
RF
200Ω
RF
Figure 58. Test Circuit for Various Gains
0.1µF
49.9Ω
24.9Ω
RF
RF
RG
RG
RL
RL
G = +1: RF = RG = 348Ω, RL = 249Ω (RL, dm = 498Ω)
G = +2: RF = 1000Ω, RG = 499Ω, RL = 100Ω (RL, dm = 200Ω)
Figure 59. Test Circuit for Output Balance
0.1µF
348Ω
348Ω
49.9Ω
24.9Ω
348Ω
348Ω
453Ω
24.9Ω
24.9Ω
CL
Figure 60. Test Circuit for Capacitor Load Drive
348Ω
348Ω
49.9Ω
348Ω
348Ω
249Ω
249Ω
VO, dm
VO, cm
NOTES
RESISTORS MATCHED TO 0.01%.
Figure 61. CMRR Test Circuit
0.1µF
348Ω
348Ω
49.9Ω
24.9Ω
348Ω
348Ω
300Ω
300Ω
2:1 TRANSFORMER
LPF
HPF
ZIN = 50Ω
Figure 62. Harmonic Distortion Test Circuit, G = +1, RL, dm = 800 Ω
0.1µF
499Ω
499Ω
49.9Ω
24.9Ω
1000Ω
1000Ω
300Ω
300Ω
2:1 TRANSFORMER
LPF
HPF
ZIN = 50Ω
Figure 63. Harmonic Distortion Test Circuit, G = +2, RL, dm = 800 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com