Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8132ARZ-R71
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8132ARZ-R71 Datasheet HTML 9Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 10Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 11Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 12Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 13Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 14Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 15Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 16Page - Analog Devices AD8132ARZ-R71 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD8132
Rev. I | Page 12 of 32
FREQUENCY (MHz)
110
100
2
1
0
–1
–2
–3
–4
–5
3
1k
VS = ±5V
G = +1
VO, dm = 2V p-p
RL, dm = 499Ω
RF = 499Ω
RF = 348Ω
RF = 249Ω
Figure 11. Large Signal Frequency Response vs. RF (See Figure 56)
FREQUENCY (MHz)
100
1
10
1
0.1
10
100
VS = +5V
VS = ±5V
Figure 12. Closed-Loop Single-Ended ZOUT vs. Frequency; G = +1 (See Figure 56)
FREQUENCY (MHz)
7
1
6
5
4
3
2
1
10
100
1k
G = +2
VO, dm = 0.2V p-p
RL, dm = 200Ω
VS = +3V
VS = ±5V, +5V
Figure 13. Small Signal Frequency Response (See Figure 57)
FREQUENCY (MHz)
1
10
100
1k
VS = +3V, +5V, ±5V
G = +2
VO, dm = 0.2V p-p
RL, dm = 200Ω
6.1
6.0
5.9
5.8
5.7
5.6
5.5
Figure 14. 0.1 dB Flatness vs. Frequency (See Figure 57)
FREQUENCY (MHz)
110
100
7
6
5
4
3
2
1
1k
VS = +5V, ±5V
VS = +3V
G = +2
VO, dm = 2V p-p FOR
VS = ±5V, +5V
VO, dm = 1V p-p FOR
VS = +3V
RL, dm = 200Ω
Figure 15. Large Signal Frequency Response (See Figure 57)
FREQUENCY (MHz)
1
10
100
1k
7
6
5
4
3
2
1
VS = ±5V
G = +2
VO, dm = 0.2V p-p
RL, dm = 200Ω
RF = 1.0kΩ
RF = 499Ω
RF = 1.5kΩ
Figure 16. Small Signal Frequency Response vs. RF (See Figure 57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com