Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8229HRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8229HRZ-R7
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8229HRZ-R7 Datasheet HTML 1Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 2Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 3Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 4Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 5Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 6Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 7Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 8Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8229
Data Sheet
Rev. B | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth –3 dB
G = 1
15
MHz
G = 10
4
MHz
G = 100
1.2
MHz
G = 1000
0.15
MHz
Settling Time 0.01%
10 V step
G = 1
0.75
µs
G = 10
0.65
µs
G = 100
0.85
µs
G = 1000
5
µs
Settling Time 0.001%
10 V step
G = 1
0.9
µs
G = 10
0.9
µs
G = 100
1.2
µs
G = 1000
7
µs
Slew Rate
G = 1 to 100
22
V/µs
THD (FIRST FIVE HARMONICS)
f = 1 kHz, RL = 2 kΩ, VOUT = 10 V p-p
G = 1
–130
dBc
G = 10
–116
dBc
G = 100
–113
dBc
G = 1000
–111
dBc
THD + Noise
f = 1 kHz, RL = 2 kΩ, VOUT = 10 V p-p, G = 100
0.0005
%
GAIN2
G = 1 + (6 kΩ/RG)
Gain Range
1
1000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.01
0.03
%
G = 10
0.05
0.3
%
G = 100
0.05
0.3
%
G = 1000
0.1
0.3
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1 to 1000
RL = 10 kΩ
2
ppm
Gain vs. Temperature
G = 1
TA = −40°C to +210°C
2
5
ppm/°C
G > 10
TA = −40°C to +210°C
−100
ppm/°C
INPUT
Impedance (Pin to Ground)3
1.5||3
GΩ||pF
Input Operating Voltage Range4
VS = ±5 V to ±18 V for dual supplies
−VS + 2.8
+VS − 2.5
V
Over Temperature
TA = −40°C to +210°C
−VS + 2.8
+VS − 2.5
V
OUTPUT
Output Swing, RL = 2 kΩ
−VS + 1.9
+VS − 1.5
V
High Temperature, SBDIP package
TA = 210°C
−VS + 1.1
+VS − 1.1
V
High Temperature, SOIC package
TA = 175°C
−VS + 1.2
+VS − 1.1
V
Output Swing, RL = 10 kΩ
−VS + 1.8
+VS − 1.2
V
High Temperature, SBDIP package
TA = 210°C
−VS + 1.1
+VS − 1.1
V
High Temperature, SOIC package
TA = 175°C
−VS + 1.2
+VS − 1.1
V
Short-Circuit Current
35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com