Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8229HRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8229HRZ-R7
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8229HRZ-R7 Datasheet HTML 10Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 11Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 12Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 13Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 14Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 15Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 16Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 17Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD8229
Rev. B | Page 13 of 24
10μ
100μ
1m
5m
OUTPUT CURRENT (A)
+VS
–VS
+0.4
–0.4
–0.8
–1.2
+0.8
+1.2
+1.6
–1.6
VS = ±15V
+1.8
–55°C
–40°C
+25°C
+85°C
+125°C
+150°C
+210°C
+225°C
Figure 35. Output Voltage Swing vs. Output Current
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1
–10
–8
–6
–4
–2
0
2
4
6
8
10
Figure 36. Gain Nonlinearity, G = 1, RL = 10 kΩ
–10
–10
–8
–6
–4
–2
0
2
4
6
8
10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1000
Figure 37. Gain Nonlinearity, G = 1000, RL = 10 kΩ
0.1
1
10
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
Figure 38. Voltage Noise Spectral Density vs. Frequency
1s/DIV
GAIN = 1000, 100nV/DIV
GAIN = 1, 2μV/DIV
Figure 39. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 1, G = 1000
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 40. Current Noise Spectral Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com