Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8229HRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8229HRZ-R7
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8229HRZ-R7 Datasheet HTML 3Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 4Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 5Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 6Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 7Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 8Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 9Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 10Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8229
Data Sheet
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±17 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage at –IN, +IN1
±VS
Differential Input Voltage1
Gain ≤ 4
±VS
4 > Gain > 50
±50 V/gain
Gain ≥ 50
±1 V
Maximum Voltage at REF
±VS
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
SBDIP
−40°C to +210°C
SOIC
−40°C to +175°C
Maximum Junction Temperature
SBDIP
245°C
SOIC
200°C
ESD
Human Body Model
4 kV
Charge Device Model
1.5 kV
Machine Model
200 V
1
For voltages beyond these limits, use input protection resistors. See the
Theory of Operation section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PREDICTED LIFETIME VS. OPERATING
TEMPERATURE
Comprehensive reliability testing is performed on the AD8229.
Product lifetimes at extended operating temperature are obtained
using high temperature operating life (HTOL). Lifetimes are
predicted from the Arrhenius equation, taking into account
potential design and manufacturing failure mechanism assump-
tions. HTOL is performed to JEDEC JESD22-A108. A minimum
of three wafer fab and assembly lots are processed through
HTOL at the maximum operating temperature. Comprehensive
reliability testing is performed on all Analog Devices, Inc., high
temperature (HT) products.
1
100k
10k
1k
100
10
120
210
200
190
180
170
160
150
140
130
OPERATING TEMPERATURE (°C)
Figure 3. Predicted Lifetime vs. Operating Temperature
Refer to the AD8229 Predicted Lifetime vs. Operating Temperature
document for the most up-to-date reliability data.
THERMAL RESISTANCE
θJA is specified for a device in free air using a 4-layer JEDEC
printed circuit board (PCB).
Table 3.
Package Type
θJA
Unit
8-Lead SBDIP
100
°C/W
8-Lead SOIC
121
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com