Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8229HRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8229HRZ-R7
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8229HRZ-R7 Datasheet HTML 13Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 14Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 15Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 16Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 17Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 18Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 19Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 20Page - Analog Devices AD8229HRZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD8229
Data Sheet
Rev. B | Page 16 of 24
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY(Hz)
NO LOAD
2kΩ LOAD
600Ω LOAD
G = 1000, SECOND HARMONIC
VOUT = 10V p-p
Figure 53. Second Harmonic Distortion vs. Frequency, G = 1000
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
NO LOAD
2kΩ LOAD
600Ω LOAD
G = 1000, THIRD HARMONIC
VOUT = 10V p-p
Figure 54. Third Harmonic Distortion vs. Frequency, G = 1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 100
VOUT = 10V p-p
RL ≥ 2kΩ
GAIN = 10
GAIN = 1000
Figure 55. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com