Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8253ARMZ
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8253ARMZ Datasheet HTML 7Page - Analog Devices AD8253ARMZ Datasheet HTML 8Page - Analog Devices AD8253ARMZ Datasheet HTML 9Page - Analog Devices AD8253ARMZ Datasheet HTML 10Page - Analog Devices AD8253ARMZ Datasheet HTML 11Page - Analog Devices AD8253ARMZ Datasheet HTML 12Page - Analog Devices AD8253ARMZ Datasheet HTML 13Page - Analog Devices AD8253ARMZ Datasheet HTML 14Page - Analog Devices AD8253ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 10 of 24
20
10
0
–10
–20
–30
–40
–50
–60
12.0
IB+
10.5
9.0
7.5
6.0
4.5
3.0
1.5
0
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
IB–
IOS
Figure 18. Input Bias Current and Offset Current vs. Common-Mode Voltage
30
25
20
15
10
5
0
–10
–5
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
IB+
IB–
IOS
Figure 19. Input Bias Current and Offset Current vs. Temperature
0
120
100
80
60
40
20
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
G = 1
G = 1000
G = 10
G = 100
Figure 20. CMRR vs. Frequency
0
120
100
80
60
40
20
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
G = 1
G = 1000
G = 10
G = 100
Figure 21. CMRR vs. Frequency, 1 kΩ Source Imbalance
–15
–50
130
TEMPERATURE (°C)
10
15
5
0
–5
–10
–30
–10
1030507090
110
Figure 22. CMRR vs. Temperature, G = 1
80
70
60
50
40
30
20
10
0
–10
–20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 23. Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com