Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8253ARMZ
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8253ARMZ Datasheet HTML 15Page - Analog Devices AD8253ARMZ Datasheet HTML 16Page - Analog Devices AD8253ARMZ Datasheet HTML 17Page - Analog Devices AD8253ARMZ Datasheet HTML 18Page - Analog Devices AD8253ARMZ Datasheet HTML 19Page - Analog Devices AD8253ARMZ Datasheet HTML 20Page - Analog Devices AD8253ARMZ Datasheet HTML 21Page - Analog Devices AD8253ARMZ Datasheet HTML 22Page - Analog Devices AD8253ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 18 of 24
POWER SUPPLY REGULATION AND BYPASSING
The AD8253 has high PSRR. However, for optimal performance,
a stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect per-
formance. As in all linear circuits, bypass capacitors must be
used to decouple the amplifier.
Place a 0.1 μF capacitor close to each supply pin. A 10 μF tantalum
capacitor can be used farther away from the part (see Figure 55)
and, in most cases, it can be shared by other precision integrated
circuits.
AD8253
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
DGND
VOUT
DGND
A0
A1
WR
Figure 55. Supply Decoupling, REF, and Output Referred to Ground
INPUT BIAS CURRENT RETURN PATH
The AD8253 input bias current must have a return path to its
local analog ground. When the source, such as a thermocouple,
cannot provide a return current path, one should be created
(see Figure 56).
THERMOCOUPLE
+VS
REF
–VS
AD8253
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8253
TRANSFORMER
+VS
REF
–VS
AD8253
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8253
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8253
TRANSFORMER
+VS
REF
–VS
AD8253
CORRECT
Figure 56. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8253 are protected against ESD. An external
resistor should be used in series with each of the inputs to limit
current for voltages greater than 0.5 V beyond either supply rail.
In such a case, the AD8253 safely handles a continuous 6 mA
current at room temperature. For applications where the AD8253
encounters extreme overload voltages, external series resistors
and low leakage diode clamps such as BAV199Ls, FJH1100s, or
SP720s should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com