Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8253ARMZ
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8253ARMZ Datasheet HTML 9Page - Analog Devices AD8253ARMZ Datasheet HTML 10Page - Analog Devices AD8253ARMZ Datasheet HTML 11Page - Analog Devices AD8253ARMZ Datasheet HTML 12Page - Analog Devices AD8253ARMZ Datasheet HTML 13Page - Analog Devices AD8253ARMZ Datasheet HTML 14Page - Analog Devices AD8253ARMZ Datasheet HTML 15Page - Analog Devices AD8253ARMZ Datasheet HTML 16Page - Analog Devices AD8253ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 12 of 24
+VS
–VS
416
SUPPLY VOLTAGE (±VS)
–1
–2
+2
+1
6
8
10
12
14
+125°C
+85°C
+25°C
–40°C
+125°C
+85°C
+25°C
–40°C
Figure 30. Input Voltage Limit vs. Supply Voltage, G = 1, VREF = 0 V, RL = 10 kΩ
25
20
15
10
5
0
–5
–10
–15
–20
–25
DIFFERENTIAL INPUT VOLTAGE (V)
FAULT
CONDITION
(OVER-DRIVEN
INPUT)
G=1000
FAULT
CONDITION
(OVER-DRIVEN
INPUT)
G=1000
–IN
–IN
+IN
+IN
+Vs
–Vs
Figure 31. Fault Current Draw vs. Input Voltage, G = 1000, RL = 10 kΩ
+VS
–VS
416
SUPPLY VOLTAGE (±VS)
6
8
10
12
14
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
+1.0
+1.2
+0.8
+0.6
+0.4
+0.2
+125°C
+125°C
+25°C
–40°C
–40°C
+85°C
+85°C
+25°C
Figure 32. Output Voltage Swing vs. Supply Voltage, G = 1000, RL = 2 kΩ
+VS
–VS
416
SUPPLY VOLTAGE (±VS)
6
8
10
12
14
–0.2
–0.4
–0.6
–0.8
–1.0
+1.0
+0.8
+0.6
+0.4
+0.2
+125°C
+125°C
+25°C
–40°C
–40°C
+85°C
+85°C
+25°C
Figure 33. Output Voltage Swing vs. Supply Voltage, G =1000, RL = 10 kΩ
15
–15
100
10k
LOAD RESISTANCE (Ω)
1k
10
5
0
–5
–10
+125°C
+25°C
–40°C
+85°C
+25°C
+85°C
+125°C
–40°C
Figure 34. Output Voltage Swing vs. Load Resistance
+VS
–VS
416
OUTPUT CURRENT (mA)
6
8
10
12
14
–0.4
–0.8
–1.2
–1.6
–2.0
+2.0
+1.6
+1.2
+0.8
+0.4
–40°C
+25°C
+85°C
+125°C
Figure 35. Output Voltage Swing vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com