Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8253ARMZ
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8253ARMZ Datasheet HTML 17Page - Analog Devices AD8253ARMZ Datasheet HTML 18Page - Analog Devices AD8253ARMZ Datasheet HTML 19Page - Analog Devices AD8253ARMZ Datasheet HTML 20Page - Analog Devices AD8253ARMZ Datasheet HTML 21Page - Analog Devices AD8253ARMZ Datasheet HTML 22Page - Analog Devices AD8253ARMZ Datasheet HTML 23Page - Analog Devices AD8253ARMZ Datasheet HTML 24Page - Analog Devices AD8253ARMZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 20 of 24
R
R
AD8253
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
CD
CC
CC
Figure 58. RFI Suppression
Values of R and CC should be chosen to minimize RFI.
Mismatch between the R × CC at the positive input and the
R × CC at negative input degrades the CMRR of the AD8253.
By using a value of CD that is 10 times larger than the value of
CC, the effect of the mismatch is reduced and performance is
improved.
DRIVING AN ANALOG-TO-DIGITAL CONVERTER
An instrumentation amplifier is often used in front of an analog-
to-digital converter to provide CMRR. Usually, instrumentation
amplifiers require a buffer to drive an ADC. However, the low
output noise, low distortion, and low settle time of the AD8253
make it an excellent ADC driver.
In this example, a 1 nF capacitor and a 49.9 Ω resistor create an
antialiasing filter for the AD7612. The 1 nF capacitor also serves
to store and deliver necessary charge to the switched capacitor
input of the ADC. The 49.9 Ω series resistor reduces the burden
of the 1 nF load from the amplifier and isolates it from the kickback
current injected from the switched capacitor input of the AD7612.
Selecting too small a resistor improves the correlation between
the voltage at the output of the AD8253 and the voltage at the
input of the AD7612 but may destabilize the AD8253. A trade-
off must be made between selecting a resistor small enough to
maintain accuracy and large enough to maintain stability.
0.1μF
0.1μF
1nF
49.9Ω
AD7612
ADR435
+12V
–12V
+5V
+15V
–15V
A0
A1
WR
+IN
–IN
10μF0.1µF
10μF0.1µF
REF
AD8253
DGND
DGND
Figure 59. Driving an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com