Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8253ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8253ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 16
Gain Selection ............................................................................. 16
Power Supply Regulation and Bypassing ................................ 18
Input Bias Current Return Path ............................................... 18
Input Protection ......................................................................... 18
Reference Terminal .................................................................... 19
Common-Mode Input Voltage Range ..................................... 19
Layout .......................................................................................... 19
RF Interference ........................................................................... 19
Driving an Analog-to-Digital Converter ................................ 20
Applications Information .............................................................. 21
Differential Output .................................................................... 21
Setting Gains with a Microcontroller ...................................... 21
Data Acquisition......................................................................... 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
10/12—Rev. A to Rev. B
Changed Digital Input Voltage Low Maximum Parameter from
1.2 V to 2.1 V and Changed Digital Input Voltage High Typical
Parameter from 1.5 V to 2.8 V........................................................ 4
Updated Outline Dimensions ....................................................... 23
8/08—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 23
7/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com