Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8253ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8253ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD8253
Rev. B | Page 15 of 24
12
0
220
STEP SIZE (V)
10
8
6
20
18
16
14
4
2
4
6
8
1012141618
SETTLED TO 0.01%
SETTLED TO 0.001%
Figure 48. Settling Time vs. Step Size, G = 1000, RL = 10 kΩ
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–120
–110
–100
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
G = 1
G = 1000
G = 10
G = 100
Figure 49. Total Harmonic Distortion vs. Frequency,
10 Hz to 22 kHz Band-Pass Filter, 2 kΩ Load
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–120
–110
–100
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
G = 1
G = 1000
G = 10
G = 100
Figure 50. Total Harmonic Distortion vs. Frequency,
10 Hz to 500 kHz Band-Pass Filter, 2 kΩ Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com