Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8253ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8253ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
AD8253
Rev. B | Page 17 of 24
Table 5. Truth Table Logic Levels for Transparent Gain Mode
WR
A1
A0
Gain
−VS
Low
Low
1
−VS
Low
High
10
−VS
High
Low
100
−VS
High
High
1000
Latched Gain Mode
Some applications have multiple programmable devices such
as multiplexers or other programmable gain instrumentation
amplifiers on the same PCB. In such cases, devices can share a
data bus. The gain of the AD8253 can be set using WR as a latch,
allowing other devices to share A0 and A1. Figure 53 shows a
schematic using this method, known as latched gain mode. The
AD8253 is in this mode when WR is held at logic high or logic
low, typically 5 V and 0 V, respectively. The voltages on A0 and A1
are read on the downward edge of the WR signal as it transitions
from logic high to logic low. This latches in the logic levels on
A0 and A1, resulting in a gain change. See the truth table listing
in Table 6 for more on these gain changes.
+15V
–15V
A0
A1
WR
+IN
–IN
10μF0.1µF
10μF0.1µF
DGND
DGND
REF
AD8253
A0
A1
WR
+5V
+5V
+5V
0V
0V
0V
G = PREVIOUS
STATE
G = 1000
+
–
NOTE:
1. ON THE DOWNWARD EDGE OF WR, AS IT TRANSITIONS
FROM LOGIC HIGH TO LOGIC LOW, THE VOLTAGES ON A0
AND A1 ARE READ AND LATCHED IN, RESULTING IN A
GAIN CHANGE. IN THIS EXAMPLE, THE GAIN SWITCHES TO G = 1000.
Figure 53. Latched Gain Mode, G = 1000
Table 6. Truth Table Logic Levels for Latched Gain Mode
WR
A1
A0
Gain
High to Low
Low
Low
Change to 1
High to Low
Low
High
Change to 10
High to Low
High
Low
Change to 100
High to Low
High
High
Change to 1000
Low to Low
X1
X1
No change
Low to High
X1
X1
No change
High to High
X1
X1
No change
1 X = don’t care.
On power-up, the AD8253 defaults to a gain of 1 when in
latched gain mode. In contrast, if the AD8253 is configured in
transparent gain mode, it starts at the gain indicated by the
voltage levels on A0 and A1 on power-up.
Timing for Latched Gain Mode
In latched gain mode, logic levels at A0 and A1 must be held for
a minimum setup time, tSU, before the downward edge of WR
latches in the gain. Similarly, they must be held for a minimum
hold time, tHD, after the downward edge of WR to ensure that
the gain is latched in correctly. After tHD, A0 and A1 may change
logic levels, but the gain does not change until the next downward
edge of WR. The minimum duration that WR can be held high
is t WR-HIGH, and t WR-LOW is the minimum duration that WR can
be held low. Digital timing specifications are listed in Table 2.
The time required for a gain change is dominated by the settling
time of the amplifier. A timing diagram is shown in Figure 54.
When sharing a data bus with other devices, logic levels applied
to those devices can potentially feed through to the output of
the AD8253. Feedthrough can be minimized by decreasing the
edge rate of the logic signals. Furthermore, careful layout of the
PCB also reduces coupling between the digital and analog
portions of the board.
A0, A1
WR
tSU
tHD
tWR-HIGH
tWR-LOW
Figure 54. Timing Diagram for Latched Gain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com