Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8253ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8253ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 24Page - Analog Devices AD8253ARMZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 22 of 24
DATA ACQUISITION
The AD8253 makes an excellent instrumentation amplifier
for use in data acquisition systems. Its wide bandwidth, low
distortion, low settling time, and low noise enable it to
condition signals in front of a variety of 16-bit ADCs.
Figure 63 shows the AD825x as part of a total data acquisition
system. The quick slew rate of the AD8253 allows it to condition
rapidly changing signals from the multiplexed inputs. An FPGA
controls the AD7612, AD8253, and ADG1209. In addition,
mechanical switches and jumpers allow users to pin strap the
gains when in transparent gain mode.
This system achieved −116 dB of THD at 1 kHz and a signal-to-
noise ratio of 91 dB during testing, as shown in Figure 62.
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–60
–10
–20
–30
–40
–50
0
050
FREQUENCY (kHz)
5
1015202530354045
Figure 62. FFT of the AD825x in a Total Data Acquisition System
Using the AD8253 1 kHz Signal
AD8253
2
+IN
–IN
A1
A0
VOUT
REF
–VS
+VS
DGND
5
3
4
9
1
7
10
11
12
13
14
15
16
6
2
S1A EN
DA
DB
GND
S2A
S3A
S4A
S1B
S2B
S3B
S4B
A0
A1
VSS
VDD
JMP
JMP
JMP
+12V –12V
+12V
–12V
JMP
JMP
–VS
+5V
+5V
DGND
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
0Ω
0Ω 49.9Ω
0Ω
–CH1
+CH1
+CH2
–CH2
+CH3
–CH3
+CH4
–CH4
1nF
2kΩ
2kΩ
0.1µF
GND
+12V
–12V
+
+
10µF
10µF
0.1µF
CD
CC
CC
C3
0.1µF
C4
0.1µF
+5V
+5V
DGND
DGND
R8
2kΩ
+IN
AD7612
ADR435
ADG1209
DGND
ALTERA
EPF6010ATC144-3
8
0Ω
0Ω
1
10
6
WR
9
4
5
8
3
7
+
–
DGND
2kΩ
DGND
Figure 63. Schematic of ADG1209, AD8253, and AD7612 Used with the AD825x in a Total Data Acquisition System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com