Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z128V
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z128V Datasheet HTML 6Page - STMicroelectronics M48Z128V Datasheet HTML 7Page - STMicroelectronics M48Z128V Datasheet HTML 8Page - STMicroelectronics M48Z128V Datasheet HTML 9Page - STMicroelectronics M48Z128V Datasheet HTML 10Page - STMicroelectronics M48Z128V Datasheet HTML 11Page - STMicroelectronics M48Z128V Datasheet HTML 12Page - STMicroelectronics M48Z128V Datasheet HTML 13Page - STMicroelectronics M48Z128V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
M48Z128, M48Z128Y, M48Z128V*
10/21
Table 8. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V, 4.5 to 5.5V, or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48Z128/Y
M48Z128/Y/V
M48Z128/Y/V
Unit
–70
–85
–120
Min
Max
Min
Max
Min
Max
tAVAV
READ Cycle Time
70
85
120
ns
tAVQV
Address Valid to Output Valid
70
85
120
ns
tELQV
Chip Enable Low to Output Valid
70
85
120
ns
tGLQV
Output Enable Low to Output Valid
35
45
60
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
3
3
3
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
30
35
45
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
20
25
35
ns
tAXQX
Address Transition to Output Transition
5
5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com