Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128V Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z128V
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z128V Datasheet HTML 7Page - STMicroelectronics M48Z128V Datasheet HTML 8Page - STMicroelectronics M48Z128V Datasheet HTML 9Page - STMicroelectronics M48Z128V Datasheet HTML 10Page - STMicroelectronics M48Z128V Datasheet HTML 11Page - STMicroelectronics M48Z128V Datasheet HTML 12Page - STMicroelectronics M48Z128V Datasheet HTML 13Page - STMicroelectronics M48Z128V Datasheet HTML 14Page - STMicroelectronics M48Z128V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M48Z128, M48Z128Y, M48Z128V*
WRITE Mode
The M48Z128/Y/V is in the WRITE Mode whenev-
er W and E are active. The start of a WRITE is ref-
erenced from the latter occurring falling edge of W
or E. A WRITE is terminated by the earlier rising
edge of W or E.
The addresses must be held valid throughout the
cycle. E or W must return high for minimum of
tEHAX from E or tWHAX from W prior to the initiation
of another READ or WRITE cycle. Data-in must be
valid tDVWH prior to the end of WRITE and remain
valid for tWHDX or tEHDX afterward. G should be
kept high during WRITE cycles to avoid bus con-
tention; although, if the output bus has been acti-
vated by a low on E and G, a low on W will disable
the outputs tWLQZ after W falls.
Figure 9. WRITE Enable Controlled, WRITE AC Waveforms
Note: Output Enable (G) = High.
Figure 10. Chip Enable Controlled, WRITE AC Waveforms
Note: Output Enable (G) = High.
AI01198
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A16
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI01199
tAVAV
tEHAX
tDVEH
A0-A16
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com