Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128V Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z128V
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128V Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z128V Datasheet HTML 1Page - STMicroelectronics M48Z128V Datasheet HTML 2Page - STMicroelectronics M48Z128V Datasheet HTML 3Page - STMicroelectronics M48Z128V Datasheet HTML 4Page - STMicroelectronics M48Z128V Datasheet HTML 5Page - STMicroelectronics M48Z128V Datasheet HTML 6Page - STMicroelectronics M48Z128V Datasheet HTML 7Page - STMicroelectronics M48Z128V Datasheet HTML 8Page - STMicroelectronics M48Z128V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
M48Z128, M48Z128Y, M48Z128V*
DESCRIPTION
The M48Z128/Y/V ZEROPOWER® RAM is a
128 Kbit x 8 non-volatile static RAM organized
as131,072 words by 8 bits. The device combines
an internal lithium battery, a CMOS SRAM and a
control circuit in a plastic, 32-pin DIP module. This
solution is available in two special packages to
provide a highly integrated battery backed-up
memory solution.
The M48Z128/Y/V is a non-volatile pin and func-
tion equivalent to any JEDEC standard 128K x 8
SRAM. It also easily fits into many ROM, EPROM,
and EEPROM sockets, providing the non-volatility
of PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed. The 32-pin,
600mil DIP Module houses the M48Z128/Y/V sili-
con with a long life lithium button cell in a single
package.
For surface-mount environments ST provides an
equivalent SMT solution consisting of a 28-pin,
330mil SOIC NVRAM SUPERVISOR (M40Z300/
W) and a 32-pin, (TSOP, 8 x 20mm) 1Mb
LPSRAM. Both 5V and 3V versions are available
(see Table 2, page 5).
The 28-pin, 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT® housing con-
taining the battery.
The unique design allows the SNAPHAT battery
package to be mounted on top of the SOIC pack-
age after the completion of the surface-mount pro-
cess. Insertion of the SNAPHAT housing after
reflow prevents potential battery damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SNAPHAT battery package is shipped sepa-
rately in plastic anti-static tubes or in Tape & Reel
form. The part number is “M4Zxx-BR00SH” (see
Table 13, page 15).
Figure 2. Logic Diagram
Table 1. Signal Names
AI01194
17
A0-A16
W
DQ0-DQ7
VCC
M48Z128
M48Z128Y
M48Z128V
G
VSS
8
E
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
WRITE Enable Input
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com