Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128V Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z128V
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128V Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z128V Datasheet HTML 1Page - STMicroelectronics M48Z128V Datasheet HTML 2Page - STMicroelectronics M48Z128V Datasheet HTML 3Page - STMicroelectronics M48Z128V Datasheet HTML 4Page - STMicroelectronics M48Z128V Datasheet HTML 5Page - STMicroelectronics M48Z128V Datasheet HTML 6Page - STMicroelectronics M48Z128V Datasheet HTML 7Page - STMicroelectronics M48Z128V Datasheet HTML 8Page - STMicroelectronics M48Z128V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
M48Z128, M48Z128Y, M48Z128V*
Figure 5. Hardware Hookup for Equivalent Surface-Mount (SMT) Solution
Note: For pin connections, see individual data sheet for M48Z300/300W at www.st.com.
1. Connect THS pin to VOUT if 4.2V ≤ VPFD ≤ 4.5V (M48Z128Y) or connect THS pin to VSS if 4.5V ≤ VPFD ≤ 4.75V (M48Z128).
2. Connect THS pin to VSS if 2.8V ≤ VPFD ≤ 3.0V (M48Z128V).
3. SNAPHAT® Top ordered separately.
Table 2. Equivalent Surface-Mount (SMT) Solution
Note: 1. Connection of Threshold Select Pin (Pin 13) of SUPERVISOR (M40Z300/300W).
NVRAM
LPSRAM
SUPERVISOR
THS Pin(1)
M48Z128
5V 1Mb LPSRAM
M40Z300
VSS
M48Z128Y
5V 1Mb LPSRAM
M40Z300
VOUT
M48Z128V
3V 1Mb LPSRAM
M40Z300W
VSS
AI03625
E1CON
VSS
VOUT
THS
(1,2)
A
M40Z300/W
E
B
E2CON
E3CON
E4CON
VSS
E2
VCC
1Mb LPSRAM
E
A0-A16
W
DQ0-DQ7
SNAPHAT
BATTERY
(3)
RST
BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com