Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR340RL
Description  SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR340RL Datasheet(HTML) 1 Page - ON Semiconductor

  MBR340RL Datasheet HTML 1Page - ON Semiconductor MBR340RL Datasheet HTML 2Page - ON Semiconductor MBR340RL Datasheet HTML 3Page - ON Semiconductor MBR340RL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 3
1
Publication Order Number:
MBR340/D
MBR340
Preferred Device
Axial Lead Rectifier
. . . employing the Schottky Barrier principle in a large area
metal–to–silicon power diode. State–of–the–art geometry features
epitaxial construction with oxide passivation and metal overlap
contact. Ideally suited for use as rectifiers in low–voltage,
high–frequency inverters, free wheeling diodes, and polarity
protection diodes.
• Extremely Low V
F
• Low Power Loss/High Efficiency
• Highly Stable Oxide Passivated Junction
• Low Stored Charge, Majority Carrier Conduction
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.1 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
220
°C Max. for 10 Seconds, 1/16″ from case
• Shipped in plastic bags, 500 per bag
• Available Tape and Reeled, 1500 per reel, by adding a “RL’’ suffix to
the part number
• Polarity: Cathode indicated by Polarity Band
• Marking: B340
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
TA = 65°C (RqJA = 28°C/W,
P.C. Board Mounting)
IO
3.0
A
Non–Repetitive Peak
Surge Current (Note 1)
(Surge Applied at Rated Load
Conditions Halfwave, Single
Phase, 60 Hz, TL = 75°C)
IFSM
80
A
Operating and Storage Junction
Temperature Range
(Reverse Voltage Applied)
TJ, Tstg
–65 to +150
°C
Peak Operating Junction
Temperature
(Forward Current Applied)
TJ(pk)
150
°C
1. Lead Temperature reference is cathode lead 1/32
″ from case.
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
AXIAL LEAD
CASE 267–05
(DO–201AD)
STYLE 1
SCHOTTKY BARRIER
RECTIFIER
3.0 AMPERES
40 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MBR340
Axial Lead
500 Units/Bag
MBR340RL
Axial Lead
1500/Tape & Reel
MARKING DIAGRAM
B340
B340
= Device Code


Similar Part No. - MBR340RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR340RL ONSEMI-MBR340RL Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR340RLG ONSEMI-MBR340RLG Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
More results

Similar Description - MBR340RL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
Microsemi Corporation
UPS140 MICROSEMI-UPS140 Datasheet
46Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
UPS840 MICROSEMI-UPS840 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
logo
ON Semiconductor
MBR3100 ONSEMI-MBR3100 Datasheet
53Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com