Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = 0 V, VOUT, dm = 2 V p-p, VOCM = +VS/2, RT = 61.9 Ω, RG = RF = 200 Ω, G = 1, RL, dm = 1 kΩ, unless otherwise
noted. Refer to Figure 49 for the test setup circuit.
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
G = +1, RF = 200Ω
G = +2, RF = 402Ω
G = +5, RF = 402Ω
Figure 7. Small Signal Frequency Response for Various Gains,
VOUT, dm = 100 mV p-p
6
–15
–12
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V
VS = 5.0V
Figure 8. Small Signal Frequency Response for Various Supplies,
VOUT, dm = 100 mV p-p
6
–12
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
+25°C
+105°C
–40°C
Figure 9. Small Signal Frequency Response for Various Temperatures,
VOUT, dm = 100 mV p-p
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
G = +1, RF = 200Ω
G = +2, RF = 402Ω
G = +5, RF = 402Ω
Figure 10. Large Signal Frequency Response for Various Gains
6
–15
–12
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V
VS = 5.0V
Figure 11. Large Signal Frequency Response for Various Supplies
6
–12
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
+25°C
+105°C
–40°C
Figure 12. Large Signal Frequency Response for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com