Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 13 of 28
–30
–100
–90
–80
–70
–50
–40
–60
1
10
100
1000
FREQUENCY (MHz)
VOUT, dm PSRR, VS = 3.3V
VOUT, dm PSRR, VS = 5.0V
Figure 31. PSRR vs. Frequency, RL = 200 Ω
0
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
1
10
100
1000
FREQUENCY (MHz)
S22
S11
Figure 32. Return Loss (S11, S22) vs. Frequency
–55
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1
10
100
FREQUENCY (MHz)
SFDR, RL = 200Ω
SFDR, RL = 1kΩ
Figure 33. Spurious-Free Dynamic Range vs. Frequency and Load
28
10
12
14
16
18
20
22
24
26
10
100
FREQUENCY (MHz)
G = +2
G = +4
G = +1
Figure 34. Noise Figure vs. Frequency
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME (4ns/DIV)
VIN × 3.16
VOUT, dm
Figure 35. Overdrive Recovery Time (Pulse Input)
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
100
200
300
400
500
600
TIME (ns)
+VS = +2.5V
–VS = –2.5V
VIN × 3
VOUT, dm
Figure 36. Overdrive Amplitude Characteristics (Triangle Wave Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com