Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADA4937-1/ADA4937-2
Data Sheet
Rev. F | Page 18 of 28
THEORY OF OPERATION
The ADA4937-1/ADA4937-2 differ from conventional
operational amplifiers in that they have two outputs whose voltages
move in opposite directions. Like an operational amplifier, they
rely on open-loop gain and negative feedback to force these
outputs to the desired voltages. The ADA4937-1/ADA4937-2
behave much like standard voltage feedback operational amplifiers,
which makes it easier to perform single-ended-to-differential
conversions, common-mode level shifting, and amplifications
of differential signals. Also like an operational amplifier, the
ADA4937-1/ADA4937-2 have high input impedance and low
output impedance.
Two feedback loops control the differential and common-mode
output voltages. The differential feedback loop, set with external
resistors, controls only the differential output voltage. The
common-mode feedback loop controls only the common-mode
output voltage. This architecture makes it easy to set the output
common-mode level to any arbitrary value. It is forced, by internal
common-mode feedback, to be equal to the voltage applied to
the VOCM input without affecting the differential output voltage.
The ADA4937-1/ADA4937-2 architecture results in outputs
that are highly balanced over a wide frequency range without
requiring tightly matched external components. The common-
mode feedback loop forces the signal component of the output
common-mode voltage to zero. This results in nearly perfectly
balanced differential outputs that are identical in amplitude and
are exactly 180° apart in phase.
ANALYZING AN APPLICATION CIRCUIT
The ADA4937-1/ADA4937-2 use open-loop gain and negative
feedback to force their differential and common-mode output
voltages in such a way as to minimize the differential and
common-mode error voltages. The differential error voltage is
defined as the voltage between the differential inputs labeled
+IN and −IN (see Figure 52). For most purposes, this voltage
can be assumed to be zero. Similarly, the difference between the
actual output common-mode voltage and the voltage applied to
VOCM can also be assumed to be zero. Starting from these two
assumptions, any application circuit can be analyzed.
SETTING THE CLOSED-LOOP GAIN
The differential-mode gain of the circuit in Figure 52 can be
determined by
G
F
dm
IN
dm
OUT
R
R
V
V
,
,
This assumes that the input resistors (RG) and feedback resistors
(RF) on each side are equal.
ESTIMATING THE OUTPUT NOISE VOLTAGE
To estimate the differential output noise of the ADA4937-1/
ADA4937-2 use the noise model in Figure 53. The input-referred
noise voltage density, vnIN, is modeled as a differential input, and
the noise currents, inIN− and inIN+, appear between each input and
ground. The noise currents are assumed to be equal and produce
a voltage across the parallel combination of the gain and feedback
resistances. vn, cm is the noise voltage density at the VOCM pin. Each
of the four resistors contributes (4kTRx)1/2. Table 9 summarizes
the input noise sources, the multiplication factors, and the output-
referred noise density terms.
ADA4937
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–
Figure 53. ADA4937-1/ADA4937-2 Noise Model
Table 9. Output Noise Voltage Density Calculations
Input Noise Contribution
Input Noise Term
Input Noise Voltage Density
Output Multiplication Factor
Output Noise Voltage
Density Term
Differential Input
vnIN
vnIN
GN
vnO1 = GN(vnIN)
Inverting Input
inIN−
inIN− × (RG2||RF2)
GN
vnO2 = GN[inIN− × (RG2||RF2)]
Noninverting Input
inIN+
inIN+ × (RG1||RF1)
GN
vnO3 = GN[inIN+ × (RG1||RF1)]
VOCM Input
vn, cm
vn, cm
GN(β1 − β2)
vnO4 = GN(β1 − β2)(vn, cm)
Gain Resistor RG1
vnRG1
(4kTRG1)1/2
GN(1 − β1)
vnO5 = GN(1 − β1)(4kTRG1)1/2
Gain Resistor RG2
vnRG2
(4kTRG2)1/2
GN(1 − β2)
vnO6 = GN(1 − β2)(4kTRG2)1/2
Feedback Resistor RF1
vnRF1
(4kTRF1)1/2
1
vnO7 = (4kTRF1)1/2
Feedback Resistor RF2
vnRF2
(4kTRF2)1/2
1
vnO8 = (4kTRF2)1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com