Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADA4937-1/ADA4937-2
Data Sheet
Rev. F | Page 24 of 28
The circuit in Figure 66 shows a simplified front-end connection
for an ADA4937-1 driving an AD9246, 14-bit, 125 MSPS ADC.
The AD9246 achieves optimum performance when driven
differentially. The ADA4937-1/ADA4937-2 perform the single-
ended-to-differential conversion, eliminating the need for a
transformer to drive the ADC.
The ADA4937-1/ADA4937-2 are configured with a single 5 V
supply and a gain of ~2 V/V for a single-ended input to
differential output. The 76.8 Ω termination resistor, in parallel
with the single-ended input impedance of 137 Ω, provides a 50 Ω
ac termination for the source. The additional 30 Ω (120 Ω total) at
the inverting input balances the parallel ac impedance of the
50 Ω source and the termination resistor driving the
noninverting input.
The signal generator has a symmetric, ground-referenced bipolar
output. The VOCM pin of the ADA4937-1/ADA4937-2 remains
unconnected; therefore, the internal pull-ups set the output
common-mode voltage to midsupply. A portion of this is fed back
to the summing nodes, biasing −IN and +IN at 0.55 V. For a
common-mode voltage of 2.5 V, each ADA4937-1/ADA4937-2
output swings between 2.0 V and 3.0 V, providing a 2 V p-p
differential output.
The output is ac-coupled to a single-pole, low-pass filter. This
reduces the noise bandwidth of the amplifier and provides some
level of isolation from the switched capacitor inputs of the ADC.
The AD9246 is set for a 2 V p-p full-scale input by connecting
the SENSE pin to AGND. The inputs of the AD9246 are biased
at 1 V by connecting the CML output, as shown in Figure 66.
The circuit was tested with a −1 dBFS signal at various frequencies.
Figure 65 shows a plot of the second- and third-order harmonic
distortion (HD2/HD3) vs. frequency.
–75
–80
–85
–90
–95
–100
0
120
80
40
100
60
20
FREQUENCY (MHz)
HD2
HD3
G = +2
Figure 65. HD2/HD3 for Combination of ADA4937-1/ADA4937-2 and
AD9246 ADC
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9246
AGND
CML
SENSE
D13 TO
D0
10pF
10µF
10µF
10µF
33Ω
33Ω
200Ω
200Ω
50Ω
VIN
90Ω
90Ω
76.8Ω
5V
ADA4937-1
+
200Ω
200Ω
50Ω
76.8Ω
10µF
Figure 66. Driving an AD9246, 14-Bit, 125 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com