Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182AMJ/883 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182AMJ/883
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182AMJ/883 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM6182AMJ/883 Datasheet HTML 16Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 17Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 18Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 19Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 20Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 21Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 22Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 23Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Typical Applications (Continued)
The common-mode input range of a unity-gain circuit is ex-
ceeded by a 4V pulse resulting in a typical recovery time of
20 ns shown in
Figure 16.
SPICE MACROMODEL
A spice macromodel is available for the LM6182. Contact
your local National Semiconductor sales office to obtain an
operational amplifier spice model library disk.
Typical Application Circuits
UNITY GAIN AMPLIFIER
The LM6182 current feedback amplifier is unity gain stable.
The feedback resistor, R
f,
is required to maintain the
LM6182’s dynamic performance.
NON-INVERTING GAIN AMPLIFIER
Current feedback amplifiers can be used in non-inverting
gain and level shifting functions. The same basic closed-loop
gain equation used for voltage feedback amplifiers applies to
current feedback amplifiers:1+R
f/Rs.
INVERTING GAIN AMPLIFIER
The inverting closed loop gain equation used with voltage
feedback amplifiers also applies to current feedback
amplifiers.
SUMMING AMPLIFIER
The current feedback topology of the LM6182 provides sig-
nificant performance advantages over a conventional volt-
age feedback amplifier used in a standard summing circuit.
Using a voltage feedback amplifier, the bandwidth of the
summing circuit in
Figure 20 is limited by the highest gain
needed for either signal V1 or V2. If the LM6182 amplifier is
used instead, wide circuit bandwidth can be maintained rela-
tively independent of gain requirements.
DS011926-45
DS011926-46
FIGURE 16. Output Recovery from an Input that
Exceeds the Common-Mode Range
DS011926-47
FIGURE 17. LM6182 Is Unity Gain Stable
DS011926-48
FIGURE 18. Non-Inverting Closed Loop Gain is
Determined with the Same Equation Voltage Feedback
Amplifiers Use:1+R
f/Rs
DS011926-49
FIGURE 19. Current Feedback Amplifiers Can Be Used
for Inverting Gains, Just Like a Voltage Feedback
Amplifier: −R
f/Rs
DS011926-50
FIGURE 20. LM6182 Allows the Summing Circuit to
Meet the Requirements of Wide Bandwidth Systems
Independent of Signal Gain
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com