Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182AMJ/883 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182AMJ/883
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182AMJ/883 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM6182AMJ/883 Datasheet HTML 14Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 15Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 16Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 17Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 18Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 19Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 20Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 21Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Typical Applications (Continued)
SLEW RATE CONSIDERATIONS
The slew rate characteristics of current feedback amplifiers
are different than traditional voltage feedback amplifiers. In
voltage feedback amplifiers, slew rate limiting or non-linear
amplifier behavior is dominated by the finite availability of the
1st stage tail current charging the compensation capacitor.
The slew rate of current feedback amplifiers, in contrast, is
not constant. Transient current at the inverting input is pro-
portional to the current available to the amplifier’s compen-
sation capacitor. The current feedback amplifier is therefore
not traditionally slew rate limited. This enables large slew
rates responses of 2000 V/µs. The non-inverting configura-
tion slew rate is also determined by input stage limitations.
Accordingly, variations of slew rates occur for different circuit
topologies.
DRIVING CAPACITIVE LOADS
The LM6182 can drive significantly larger capacitive loads
than many current feedback amplifiers. This is extremely
valuable for simplifying the design of coax-cable drivers. Al-
though the LM6182 can directly drive as much as 100 pF of
load capacitance without oscillating, the resulting response
will be a function of the feedback resistor value.
Figure 9B il-
lustrates the small-signal pulse response of the LM6182
while driving a 50 pF load. Ringing persists for approximately
100 ns. To achieve pulse responses with less ringing either
the feedback resistor can be increased (see Typical Perfor-
mance Characteristics “Suggested R
f and Rs for CL”), or re-
sistive isolation can be used (10
Ω–51Ω typically works well).
Either technique, however, results in lowering the system
bandwidth.
Figure 10B illustrates the improvement obtained by using a
47
Ω isolation resistor.
DS011926-30
8A
DS011926-31
8B
FIGURE 8. RC Limits Amplifier Bandwidth to 50 MHz,
Eliminating Peaking in the Resulting Pulse Response
as Compared to
Figure 3A
DS011926-32
9A
DS011926-33
9B
FIGURE 9. A
V = −1, LM6182 Can Directly Drive 50 pF of
Load Capacitance with 100 ns of Ringing Resulting in
Pulse Response
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com