Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182AMJ/883 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182AMJ/883
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182AMJ/883 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6182AMJ/883 Datasheet HTML 7Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 8Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 9Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 10Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 11Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 12Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 13Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 14Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Typical Performance Characteristics V
S = ±15V and TA = 25˚C unless otherwise
noted. (Continued)
Transimpedance vs
Frequency
R
L = 150Ω
DS011926-61
Settling Response
V
S = ±15V, RL = 150Ω
A
V = −1, VO = ±5V
DS011926-62
Settling Response
V
S = ±5V, RL = 150Ω
A
V = −1, VO = ±2V
DS011926-63
Long Term Settling Time
Response V
S = ±15V,
R
L = 150Ω,AV = −1, VO = ±5V
DS011926-64
Suggested R
f and
R
s for CL,AV = −1
DS011926-65
Suggested R
f and
R
s for CL,AV = +2
DS011926-66
Output Impedance vs Frequency
A
V = −1, RL = 820Ω
DS011926-67
PSRR (V
S+)vs
Frequency, A
V = 2,
R
f = Rs = 820Ω
DS011926-68
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com