Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182AMJ/883 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182AMJ/883
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182AMJ/883 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM6182AMJ/883 Datasheet HTML 8Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 9Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 10Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 11Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 12Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 13Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 14Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 15Page - National Semiconductor (TI) LM6182AMJ/883 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical Performance Characteristics V
S = ±15V and TA = 25˚C unless otherwise
noted. (Continued)
PSRR (V
S−)vs
Frequency, A
V = 2,
R
f = Rs = 820Ω
DS011926-69
CMRR vs Frequency
R
f = Rs = 820Ω
DS011926-70
Input Voltage Noise
vs Frequency
DS011926-71
Input Current Noise
vs Frequency
DS011926-72
Slew Rate vs Temperature
A
V = −1, RL = 150Ω
DS011926-73
Slew Rate vs Supply Voltage
A
V = −1, RL = 150Ω
DS011926-74
Distortion vs Frequency
V
S = ±15V, AV = +2,
R
L = 150Ω,VO = 2Vp-p
DS011926-75
Distortion vs Frequency
V
S = ±15V, AV = −1,
R
L = 150Ω,VO = 2Vp-p
DS011926-76
Distortion vs Frequency
V
S = ±5V, AV = +2,
R
L = 150Ω,VO = 2Vp-p
DS011926-77
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com