Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2011 Datasheet(PDF) 19 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 19 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 15Page - International Rectifier IRMCS2011 Datasheet HTML 16Page - International Rectifier IRMCS2011 Datasheet HTML 17Page - International Rectifier IRMCS2011 Datasheet HTML 18Page - International Rectifier IRMCS2011 Datasheet HTML 19Page - International Rectifier IRMCS2011 Datasheet HTML 20Page - International Rectifier IRMCS2011 Datasheet HTML 21Page - International Rectifier IRMCS2011 Datasheet HTML 22Page - International Rectifier IRMCS2011 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
18
Regen Limit
200%
"---------- Inverter Switching Frequency
-------------"
(fc) Pwm carrier freq
10KHz
Dead_Time
0.5usec
" ------------ Current Regulator Tuning
--------------- "
(Ireg_BW) Current Reg BW
2500rad/sec
"============== Advance Information
(Platform fixed) ==============="
Note: Below values are fixed for IRMCS2011 platform however can be changed for other
platform
(Clk) IRMCK201 clock freq
33.333MHz
DC Bus Scaling (Vdc_Scl)
8.1875cts/Volt
I_Torque
(I_Trq_Rated)
4095cts for rated Amps
(Mod_Pk) - U_Alpha U_Beta max linear modulation
2355Cts
" ---------- Desired Speed feedback Scaling
---------"
(Spd_Scale)
16384cts/(Max RPM)
" -------------- Current Feedback Scaling
-------------"
Current Shunt Resistor
10mOhm
Max H/W Current
26Apeak
"==================
Commutation Information
===================="
Angle of Z-pulse (based on UV line to line voltage)
272degree
Mid Angle when Hall CBA is 001
120degree
Mid Angle when Hall CBA is 010
240degree
Mid Angle when Hall CBA is 011
180degree
Mid Angle when Hall CBA is 100
0degree
Mid Angle when Hall CBA is 101
60degree
Mid Angle when Hall CBA is 110
300degree
Figure 13. EXCEL Spreadsheet Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com