Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2011 Datasheet(PDF) 21 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 17Page - International Rectifier IRMCS2011 Datasheet HTML 18Page - International Rectifier IRMCS2011 Datasheet HTML 19Page - International Rectifier IRMCS2011 Datasheet HTML 20Page - International Rectifier IRMCS2011 Datasheet HTML 21Page - International Rectifier IRMCS2011 Datasheet HTML 22Page - International Rectifier IRMCS2011 Datasheet HTML 23Page - International Rectifier IRMCS2011 Datasheet HTML 24Page - International Rectifier IRMCS2011 Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
20
9.3 Parallel Interface Port
IRMCS2011 provides an 8bit parallel interface port to facilitate microprocessor interface. Interface is generic and able
to interface most common 8bit parallel interface such as MCS8051, some Motorola 8bit uP, MicroChip, etc. Figure 16
shows the connection diagram. The connector, J5, is a 2-by-10 header connector pins.
Each signal is 3.3V level and data bus is multiplexed. Table 2 summarizes each signal definition.
NA
HP_Data7
HP_nOE
HP_nCS
NA
HP_Data5
HP_nWE
HP_Data0
NA
HP_Data3
HP_Data4
HP_Data2
HP_Data1
NA
HP_Data6
HP_A
J5
HDR2X10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
+3.3V_BB
Figure 16. Parallel Interface Port, J9
Signal
I/O
1
Description
HP_nCS
I
Active low Host Port Chip Select
HP_nOE
I
Active Low Host Port Output Enable
HP_nWE
I
Active low Host Port Write Enable
HP_A
I
Host Port Register Address. 1 = Address register, 0 = Data Register
HP_Data
I/O
Bidirectional Host Port data bus
Table 2. Microprocessor Interface Module Signal Definitions
Figure 17 and Figure 18 show detailed timing requirements for register read and write operations depending on the
type of microprocessor (Intel or Motorola type).
All values are in nanoseconds. The data bus output is activated by
the logical combination (!nCS && !nOE && new), which allows read and write operations to be either nWe/nOE
(Intel) or nCS (Motorola) driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com