Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2011 Datasheet(PDF) 18 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 18 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 14Page - International Rectifier IRMCS2011 Datasheet HTML 15Page - International Rectifier IRMCS2011 Datasheet HTML 16Page - International Rectifier IRMCS2011 Datasheet HTML 17Page - International Rectifier IRMCS2011 Datasheet HTML 18Page - International Rectifier IRMCS2011 Datasheet HTML 19Page - International Rectifier IRMCS2011 Datasheet HTML 20Page - International Rectifier IRMCS2011 Datasheet HTML 21Page - International Rectifier IRMCS2011 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
17
8. New Motor Adaptation
New motor can be configured by simple EXCEL spreadsheet. EXCEL spreadsheet template is provided in the
shipment with the filename “IRMCx201-DriveParams.xls”.
This spreadsheet facilitates configuration of parameters which need to go into each host registers inside of the
IRMCK201 IC. The spreadsheet calculates current feedback/speed feedback scaling, Proportional plus Integral (PI)
gains of current and speed regulators, PWM carrier frequency, deadtime, etc, based on simple motor nameplate and
published data input. The output of this spreadsheet is text file containing one-to-one corresponding each registers’
values. User can use the ServoDesigner
TM to read this output into the associated registers.
For detailed operation, please refer to “3.1 Drive Parameter Setup” in IRMCK201 Application Developer’s Guide.
Motor Selection :
1
P30B06040DXS00M
(Type the number here!)
password : 201
"=================== Motor Information
========================="
(RPM) Rated Speed
3000rpm
(Lq) L_phase
0.00644H
(line to line Inductance) / 2
(R_Stator) R_phase
1.4ohms/ph
(line to line Resistor) / 2
(Amps) Rated Amps
2.7Arms
(NLC)No Load Current
0Arms
(necessary for IM)
(Jm) Inertia of Motor
2.55E-05Kg-m2
(Kt) Torque Constant
0.533N-m/Arms
(Ke) Voltage Constant
18.6V ln-rms/krpm
voltage is line to neutral rms
Poles
8
(PPR) Encoder PPR
2000pulse/revolution
Wire-Saving Encoder?
TRUE( TRUE / FALSE )
"================== Application Information
======================"
"-------------------------- General ---------------------------"
Max RPM
4500rpm
(Vdc_Nom) Nominal Vdc
310Volts
(OvLoad) Max pu motor current at rated speed
3pu
"--------------- Speed Regulator Tuning
---------------"
Speed Regulator BW
200rad/sec
Positive Speed Rate limit
1000rpm/sec
Negative Speed Rate limit
1000sec to rate speed
Inertia of Load
(measured)
0Kg-m2
SpdLpRate
21 SpdLoop per this # of CurLoop
"--------------------- Current Limits
----------------------"
Motoring Limit
200%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com