Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2011 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 4Page - International Rectifier IRMCS2011 Datasheet HTML 5Page - International Rectifier IRMCS2011 Datasheet HTML 6Page - International Rectifier IRMCS2011 Datasheet HTML 7Page - International Rectifier IRMCS2011 Datasheet HTML 8Page - International Rectifier IRMCS2011 Datasheet HTML 9Page - International Rectifier IRMCS2011 Datasheet HTML 10Page - International Rectifier IRMCS2011 Datasheet HTML 11Page - International Rectifier IRMCS2011 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
7
3. Preparing the Motor
3.1 Readily Drivable Motor List
If the motor is one of the following, it can be run immediately without commissioning.
•
Sanyo Denki 400W 8-pole servo motor with 2000-pulse encoder (P30B06040DXS00M,)
•
Sanyo Denki 750W 8-pole servo motor with 2000-pulse encoder (P30B08075DXS00M)
•
Sanyo Denki 1.5kW 8-pole servo motor with 2000-pulse encoder (P20B10150DXS00M)
•
Glentek 160W 4-pole servo motor with 2000-pulse encoder (GMB2010-17-E-02100005)
•
Glentek 1.0kW 6-pole servo motor with 5000-pulse encoder (GMB3530-24-E-02200109)
•
Glentek 1.2kW 6-pole servo motor with 5000-pulse encoder (GMB3530-37-E-02200109)
•
Glentek 600W 6-pole servo motor with 5000-pulse encoder (GMB3530-48-E-02200109)
•
Pacific Scientific 800W 8-pole servo motor with 2048-pulse encoder (PMB23C-00114-00)
•
Reliance Electric 2HP 4-pole induction motor with 1024-pulse encoder (P14A5805)
If any other motor is used, adaptation and re-configuration is required, which can be accomplished using the
ServoDesigner
TM tool.
3.2 Assembling Encoder Connector
Prepare the connector assembly to the encoder cables.
•
Assemble 15-pin male D-Sub connector, referring to Figure 2.
•
Make sure that the encoder is a 5V type. If it is not a 5V type, proper modification is required.
For permanent magnet motors:
•
Eleven pins are used: A+ (pin 2), A- (pin 3), B+ (pin 4), B- (pin 5), Z+ (pin 6), Z- (pin 7), HALL_A (pin 10),
HALL_B (pin 11), HALL_C (pin 12), 5V(pin 1 or pin 9) and GND (pin 8 or pin 15).
•
If hall sensors have differential output, connect only positive sides and leave negative sides open.
For induction motors:
•
Only six pins are used because z-pulse is not necessary for an induction machine. The six pins are: A+ (pin
2), A- (pin 3), B+ (pin 4), B- (pin 5), 5V(pin 1 or pin 9) and GND (pin 8 or pin 15).
•
Disable Z_pulse by connecting Z+ to GND and Z- to 5V.
1
8
9
15
J2
DSUB-15
HVDD
1
A+
2
A-
3
B+
4
B-
5
Z+
6
Z-
7
VSS
8
HVDD
9
HALL-A
10
HALL-B
11
HALL-C
12
NA
13
NA
14
VSS
15
Sanyo Denki’s encoder cable wire
A+ = Blue
A- = Brown
B+ = Green
B- = Purple
Z+ = White
Z- = Yellow
+5V_BB (5V) = Red
VSS (0V) = Black
Figure 2. Encoder Interface Connector, J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com