Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARM-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4891-2ARM-EBZ
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARM-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4891-2ARM-EBZ Datasheet HTML 4Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 5Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 6Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 7Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 8Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 9Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 10Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 11Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, all plots are characterized for the ADA4891-1, ADA4891-2, ADA4891-3, and ADA4891-4. For the ADA4891-1 and
ADA4891-2, the typical RF value is 604 Ω. For the ADA4891-3 and ADA4891-4, the typical RF value is 453 Ω.
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
VOUT = 200mV p-p
RL = 1kΩ
G = +10
G = +5
G = –1
OR +2
G = +1
Figure 7. Small-Signal Frequency Response vs. Gain, VS = 5 V,
ADA4891-1/ADA4891-2
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
1k
FREQUENCY (MHz)
G = +1
VOUT = 200mV p-p
RL = 1kΩ
VS = 2.7V
VS = 5V
VS = 3V
Figure 8. Small-Signal Frequency Response vs. Supply Voltage,
ADA4891-1/ADA4891-2
–4
–3
–2
–1
0
1
2
3
4
5
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
G = +1
VOUT = 200mV p-p
RL = 1kΩ
+125°C
+85°C
+25°C
0°C
–40°C
Figure 9. Small-Signal Frequency Response vs. Temperature, VS = 5 V,
ADA4891-1/ADA4891-2
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1k
FREQUENCY (MHz)
G = +10
G = +5
G = +1
G = –1 OR +2
VS = 5V
VOUT = 200mV p-p
RL = 1kΩ
Figure 10. Small-Signal Frequency Response vs. Gain, VS = 5 V,
ADA4891-3/ADA4891-4
6
3
0
–3
–6
–9
–12
–15
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 2.7V
G = +1
VOUT = 200mV p-p
RL = 1kΩ
VS = 3V
VS = 5V
Figure 11. Small-Signal Frequency Response vs. Supply Voltage,
ADA4891-3/ADA4891-4
–4
–3
–2
–1
0
1
2
3
4
5
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
G = +1
VOUT = 200mV p-p
RL = 1kΩ
+125°C
+85°C
+25°C
0°C
–40°C
Figure 12. Small-Signal Frequency Response vs. Temperature, VS = 5 V,
ADA4891-3/ADA4891-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com