Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARM-EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4891-2ARM-EBZ
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARM-EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4891-2ARM-EBZ Datasheet HTML 15Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 16Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 17Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 18Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 19Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 20Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 21Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 22Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. F | Page 19 of 24
TERMINATING UNUSED AMPLIFIERS
Terminating unused amplifiers in a multiamplifier package is
an important step in ensuring proper operation of the functional
amplifier. Unterminated amplifiers can oscillate and draw
excessive power. The recommended procedure for terminating
unused amplifiers is to connect any unused amplifiers in a
unity-gain configuration and to connect the noninverting input
to midsupply voltage. With symmetrical bipolar power supplies,
this means connecting the noninverting input to ground, as
shown in Figure 59.
–VS
+VS
ADA4891
Figure 59. Terminating Unused Amplifier with
Symmetrical Bipolar Power Supplies
In single power supply applications, a synthetic midsupply
source must be created. This can be accomplished with a simple
resistive voltage divider. Figure 60 shows the proper connection
for terminating an unused amplifier in a single-supply
configuration.
2.5kΩ
2.5kΩ
+VS
ADA4891
Figure 60. Terminating Unused Amplifier with Single Power Supply
DISABLE FEATURE (ADA4891-3 ONLY)
The ADA4891-3 includes a power-down feature that can be
used to save power when an amplifier is not in use. When an
amplifier is powered down, its output goes to a high impedance
state. The output impedance decreases as frequency increases;
this effect can be observed in Figure 34. With the power-down
function, a forward isolation of −40 dB can be achieved at
50 MHz. Figure 46 shows the forward isolation vs. frequency
data. The power-down feature is asserted by pulling the PD1,
PD2, or PD3 pin low.
Table 7 summarizes the operation of the power-down feature.
Table 7. Disable Function
Power-Down Pin Connection (PDx)
Amplifier Status
>VTH or floating
Enabled
<VTH
Disabled
SINGLE-SUPPLY OPERATION
The ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4 can also
be operated from a single power supply. Figure 61 shows the
ADA4891-3 configured as a single 5 V supply video driver.
The input signal is ac-coupled into the amplifier via
Capacitor C1.
Resistor R2 and Resistor R4 establish the input midsupply
reference for the amplifier.
Capacitor C5 prevents constant current from being drawn
through the gain set resistor (RG) and enables the ADA4891-3
at dc to provide unity gain to the input midsupply voltage,
thereby establishing the output voltage at midsupply.
Capacitor C6 is the output coupling capacitor.
The large-signal frequency response obtained with single-
supply operation is identical to the bipolar supply operation
(Figure 18 shows the large-signal frequency response).
Four pairs of low frequency poles are formed by R2/2 and C2,
R3 and C1, RG and C5, and RL and C6. With this configuration,
the −3 dB cutoff frequency at low frequency is 12 Hz. The
values of C1, C2, C5, and C6 can be adjusted to change the low
frequency −3 dB cutoff point to suit individual design needs.
For more information about single-supply operation of op amps,
see the Analog Dialogue article “Avoiding Op Amp Instability
Problems in Single-Supply Applications” (Volume 35, Number 2)
at www.analog.com.
C2
1µF
R2
50kΩ
R4
50kΩ
R3
100kΩ
C1
22µF
R1
50Ω
C6
22µF
RL
150Ω
RG
453Ω
RF
453Ω
C5
22µF
ADA4891-3
+5V
VOUT
VIN
–VS
C3
10µF
C4
0.01µF
+5V
Figure 61. Single-Supply Video Driver Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com