Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARM-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4891-2ARM-EBZ
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARM-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4891-2ARM-EBZ Datasheet HTML 8Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 9Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 10Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 11Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 12Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 13Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 14Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 15Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 12 of 24
0.01
0.1
1
10
100
0.01
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
G = +1
Figure 31. Closed-Loop Output Impedance vs. Frequency, Device Enabled
100
0
–100
G = +1
VOUT = 200mV p-p
RL = 1kΩ
VS = 3V
VS = 5V
50mV/DIV
10ns/DIV
Figure 32. Small-Signal Step Response, G = +1
1
0
–1
VS = 5V
G = +1
VOUT = 2V p-p
RL = 150Ω
RL = 1kΩ
0.5V/DIV
10ns/DIV
Figure 33. Large-Signal Step Response, VS = 5 V, G = +1
100k
10k
1k
100
10
1
0.01
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
G = +1
Figure 34. Closed-Loop Output Impedance vs. Frequency, Device Disabled
(ADA4891-3 Only)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10
20
30
40
50
60
70
80
90
TIME (ns)
VS = 5V
RL = 1kΩ
VS = 5V
RL = 150Ω
VS = 3V
RL = 150Ω
VS = 3V
RL = 1kΩ
G = +2
VOUT = 2V p-p
Figure 35. Large-Signal Step Response, G = +2
0.5
0
–0.5
RL = 150Ω
RL = 1kΩ
VS = 3V
G = +1
VOUT = 1V p-p
0.5V/DIV
10ns/DIV
Figure 36. Large-Signal Step Response, VS = 3 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com