Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARM-EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4891-2ARM-EBZ
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARM-EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4891-2ARM-EBZ Datasheet HTML 16Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 17Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 18Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 19Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 20Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 21Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 22Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 23Page - Analog Devices ADA4891-2ARM-EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 24 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
ADA4891-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-1ARJZ-R7
−40°C to +125°C
5-Lead SOT-23, 7”Tape and Reel
RJ-5
H1W
ADA4891-1ARJZ-RL
−40°C to +125°C
5-Lead SOT-23, 13”Tape and Reel
RJ-5
H1W
ADA4891-1WARJZ-R7
−40°C to +125°C
5-Lead SOT-23, 7”Tape and Reel
RJ-5
H2S
ADA4891-2ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-2ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-2ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
H1U
ADA4891-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H1U
ADA4891-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H1U
ADA4891-2WARMZ-R7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H2T
ADA4891-3ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4891-3ARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-3ARUZ-RL
−40°C to +125°C
14-Lead TSSOP, 13”Tape and Reel
RU-14
ADA4891-3WARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-3ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4891-3ARZ-R7
−40°C to +125°C
14-Lead SOIC_N, 7”Tape and Reel
R-14
ADA4891-3ARZ-RL
−40°C to +125°C
14-Lead SOIC_N, 13”Tape and Reel
R-14
ADA4891-4ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4891-4ARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-4ARUZ-RL
−40°C to +125°C
14-Lead TSSOP, 13”Tape and Reel
RU-14
ADA4891-4WARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-4ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4891-4ARZ-R7
−40°C to +125°C
14-Lead SOIC_N, 7”Tape and Reel
R-14
ADA4891-4ARZ-RL
−40°C to +125°C
14-Lead SOIC_N, 13”Tape and Reel
R-14
ADA4891-1AR-EBZ
Evaluation Board for 8-Lead SOIC_N
ADA4891-1ARJ-EBZ
Evaluation Board for 5-Lead SOT-23
ADA4891-2AR-EBZ
Evaluation Board for 8-Lead SOIC_N
ADA4891-2ARM-EBZ
Evaluation Board for 8-Lead MSOP
ADA4891-3AR-EBZ
Evaluation Board for 14-Lead SOIC_N
ADA4891-3ARU-EBZ
Evaluation Board for 14-Lead TSSOP
ADA4891-4AR-EBZ
Evaluation Board for 14-Lead SOIC_N
ADA4891-4ARU-EBZ
Evaluation Board for 14-Lead TSSOP
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADA4891-1W, ADA4891-2W, ADA4891-3W, and ADA4891-4W models are available with controlled manufacturing to support the
quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ
from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the
automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices, Inc., account
representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
©2010–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08054-0-9/15(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com