Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-C03Z-R0 Datasheet(PDF) 3 Page - ETAL Group

Part # 8345-C03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C03Z-R0 Datasheet(HTML) 3 Page - ETAL Group

  8345-C03Z-R0 Datasheet HTML 1Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
3
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
Type number
X8345
Module
S auxiliary contact module
Auxiliary contacts
01 in all poles
02 in pole 1 only
Auxiliary contact version
K auxiliary contacts (symmetrical terminals)
Auxiliary contact function
W1 1 changeover
Terminal design
02 microswitch with blade terminals
DIN 46244-A2.8-0.5
M mounted to base unit
X8345 - S 01 K W1 02 M ordering example
Ordering information for auxiliary contact module
Ordering information for UL 489
Type No.
8345
Mounting
B flange mounting, with rectangular aperture with mounting nut 6-32UNC
C flange mounting, with rectangular aperture with mounting nut M3
F flange mounting, with round aperture with mounting nut M3
Configuration
0 without barrier for DC
1 with small barrier for DC (optional)
2 with large barrier for AC
Number of poles
1 single pole protected
2 two pole protected
Actuator configuration
A
all poles with standard toggle
B
reduced number of standard toggles
Z
without actuator
Terminal design
P blade terminals ≤ 35 A
R round connectors 6 mm
U stud terminals M6 ≤ 125 A
V stud terminals 1/4-20UNC-3A ≤ 125 A
W laminated round terminals ≤ 125 A
Terminal hardware
0 without
3 with washer and nut
Characteristic curve *)
Characteristic curve, instantaneous:
F1
DC
F2 AC 60/50 Hz
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2 AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Version
D standard
Colour configuration
B1 black actuator
Marking
front plate
actuator base
B1 without
ON-OFF
B2 I
N
ON-OFF
Rated voltage
B AC or ≤ 80 V DC
Current ratings
0.05...125 A for DC
0.05...20 A for AC
higher current ratings
upon request
Approvals (optional)
V UL 489
8345 - C 0 1 A - U 3 M1 - D B1 B1 B - 60 A - .
ordering example
Remote trip coil available to special order.
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com