Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-C03Z-R0 Datasheet(PDF) 7 Page - ETAL Group

Part # 8345-C03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C03Z-R0 Datasheet(HTML) 7 Page - ETAL Group

Back Button 8345-C03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 9Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
7
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
4
3
1
2
6
5
LO
AD
LIN
E
Shock directions
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Toggle guard (only for mounting version B/C)
Y 307 381 01
64
37.3
16.7
ø4
52.4
2.52
1.47
.657
.157
2.06
Splash cover (IP65) for 1-, 2-, 3-pole (only for mounting version B/C)
number of
poles
mounting
version
actuator
configuration
X 222 444 01
1-pole
B
1
X 222 444 02
1-pole
C
1
X 222 444 11
2-pole
B
2
X 222 444 12
2-pole
C
2
X 222 444 21
3-pole
B
3
X 222 444 22
3-pole
C
3
ON
ON
35
ON
56.5
22.25
74
1.38
2.22
0.374
.876
2.91
panel thickness max. 3 mm
9,5
Accessories
LOAD
LINE
75
2 - Interphase barrier
(large)
100
1 - Interphase barrier
(small)
thickness 1mm / .039 in.
LOAD
LINE
2.95
3.94
Interphase barriers / Dimensions
Z without toggles, mounting version F
B reduced number of toggles per unit, mounting version B/C
A 1 toggle per pole, mounting version B/C
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
B reduced number of toggles per unit, mounting version F
A 1 toggle per pole, mounting version F
OFF
OFF
OFF
Z without toggles version B/C
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Actuator configuration



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com