Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-C03Z-R0 Datasheet(PDF) 6 Page - ETAL Group

Part # 8345-C03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C03Z-R0 Datasheet(HTML) 6 Page - ETAL Group

Back Button 8345-C03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 9Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
6
1
… times rated current
… times rated current
Curve K2 (short delay) for AC 50/60 Hz
… times rated current
… times rated current
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
0,1
0,01
0,001
10000
1000
12
46
8
12
100
10
1
3
05
79
10
11
10000
1000
100
10
1
0,1
0,01
0,001
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve M1 (medium delay) for DC
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve F2 (instantaneous) for AC
Curve F1 (instantaneous) for DC
Curve K1 (short delay) for DC
N.B. All curves will only be maintained if the escutcheon is mounted on a vertical surface.
Ambient temperature or mounting side-by-side does not influence the trip curve, derating is not required.
The breakers may trip in the event of current peaks < 0.003 sec. For these applications we
offer a mechanical pulse delay – please enquire.
Other characteristic curves upon request (e.g. pulse delayed, for high inrush currents or capacitive loads).
Curve M2 (medium delay) for AC 50/60 Hz
… times rated current
Curve T2 (long delay) for AC 50/60 Hz
… times rated current
0,1
0,01
0,001
10000
1000
12
12
100
10
1
31011
0,1
0,01
0,001
10000
1000
12
8
100
10
1
31011
Curve T1 (long delay) for DC
8
12
0
5
0
5
4
6
4
6
7
9
7
9
12
46
812
3
05
79
10
11
Typical time/current characteristics at +23 °C / +73.4 °F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com