Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-C03Z-R0 Datasheet(PDF) 4 Page - ETAL Group

Part # 8345-C03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C03Z-R0 Datasheet(HTML) 4 Page - ETAL Group

  8345-C03Z-R0 Datasheet HTML 1Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-C03Z-R0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
4
1
Mounting version F
Flange mounting round aperture
Cut-out dimensions:
48
Mounting version B/C
Flange mounting rectangular aperture
pole
19.1±0.1
12
34
number of poles 1 to 4
mounting thread M3 or 6-32
all dimensions referred to the top edge
mounting depth 4.2 mm/.165 in.
max. insertion depth 5.5 mm
max. tightening torque 0.33 Nm
1.89
Cut-out dimensions:
1-pole
multipole
19.2
.756
28.7
47.8
9.6
2.63
1.88
.378
1.13
66.9
76.5
3.01
3.5±0.1 (M3)
4
+0.1
-0.15 (6-32UNC)
1-pole
.138±.004 (M3)
.157
+.004
-.006 (6-32UNC)
4-pole
ON
OFF
68
2.68
48
1.89
68
2.68
ON
OFF
pole
12
34
number of poles 1 to 4
.752±.004
19.1
.752
n x 19.1
n x .752
19.1±0.1
.752±.004
3.5±0.1 (M3)
4
+0.1
-0.15 (6-32UNC)
.138±.004 (M3)
.157
+.004
-.006 (6-32UNC)
19.1
.752
n x 19.1
n x .752
max. panel thickness: 3 mm
mounting thread M3 or 6-32
all dimensions referred to the top edge
mounting depth 4.2 mm/.165 in.
max. insertion depth 5.5 mm
max. tightening torque 0.33 Nm
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Dimensions
Installation drawing
blow out space
(can be reduced on request)
operating area
(reinforced insulation)
2
.079
8
.315
29
1.14
terminal
area
mounting
area
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com