Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-F03Z-R0 Datasheet(PDF) 1 Page - ETAL Group

Part # 8345-F03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-F03Z-R0 Datasheet(HTML) 1 Page - ETAL Group

  8345-F03Z-R0 Datasheet HTML 1Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
1
1
Description
Typical applications
Technical data
Single or multipole hydraulic-magnetic circuit breakers with trip-free-
mechanism and toggle actuation. A choice of switching characteristics
ensures suitability for a wide range of applications. Industry standard
dimensions and panel mounting. Auxiliary contacts optional. Low
temperature sensitivity at rated load.
Approved to CBE standard EN 60934 (IEC 60934) S-type HM CBE.
In the business fields Communication and Transport: power supplies,
switchgear, instrumentation and process control engineering.
8345
1-pole
2-pole
Voltage rating
3 AC 415 V; AC 277/480 V;
AC 120/240 V; AC 240 V; DC 80 V
(higher DC voltages to special order)
Current rating range
0.05...125 A single and multipole
higher ratings upon request
Auxiliary circuit
AC 240 V 6 A
DC 28 V 3 A
DC 65 V 1 A
DC 80 V 0.5 A
Typical life
10,000 operations at 1 x IN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
(IEC 60664)
2.5 kV/2
reinforced insulation in operating area
Dielectric strength
operating area
test voltage AC 3,000 V
Line to Load
test voltage AC 1,500 V
pole to pole (2- and 3-pole) test voltage AC 1,500 V
main to auxiliary circuit
test voltage AC 3,000 V
switching to trip circuit test voltage AC 1,500 V
(version -X)
Insulation resistance
> 100 MΩ (DC 500 V)
Degree of protection
operating area IP40
(IEC 60529)
terminal area IP00
Vibration
upside down:
10 g (57-2000 Hz) ± 0,76 mm (10-57 Hz)
at 0.9 IN
directions 1, 2, 3, 4, 5:
10 g at 1 x IN
with curves F1, F2:
10 g at 0.8 x IN in all planes.
(57-2000 Hz) ± 0.76 mm (10-57 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
directions 1, 2, 3, 4, 5:
100 g (11 ms) at 1 x IN,
direction 6:
100 g (11 ms) at 0.8 x IN,
with curves F1, F2:
100 g (11 ms) at 0.8 x IN
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH,
to IEC 60068-2-78, test Cab
Mass
approx. 90 - 120 g per pole
depending on version
Standard current ratings and typical internal resistance values
Interrupting capacity to EN 60934, CCC, UL 489, UL 1077
IEC 60934 / CCC (3-pole) – test series E:
voltage
number of
poles
IN max. (A)
Icn (A)
DC 80 V
1 + 2
0.02...125
10 000
AC 240/415 V
1 - (6)
0.02...80
6 x IN
AC 240 V
1
0.02...20
5 000
UL 489 – test sequence Z:
voltage
number of
poles
IN max. (A)
Icn (A)
DC 80 V
1 + 2
0.5...125
10 000
AC 120 V
1
0.5...80
5 000
AC 120/240 V
1 (2)
0.5...80
5 000
AC 240 V
1
0.5...20
5 000
UL 1077:
voltage
number of
poles
IN max. (A)
Icn (A)
DC 80 V
1 + 2
0.02...125
10 000
AC 277/480 V
1 - 6
0.02...70
5 000
Current
rating (A)
Trip curves and internal resistance (Ω) per pole
F1
F2
K1, M1, T1
K2, M2, T2
0,05
275
152
531
542
0,1
58
36,5
129
127
1
0,578
0,347
1,10
1,08
2
0,144
0,0959
0,295
0,291
3
0,0644
0,0477
0,121
0,118
5
0,0250
0,0192
0,0437
0,0449
10
0,00901
0,00714
0,0147
0,0133
15
0,00597
0,00483
0,00794
0,00794
20
0,00468
0,00410
0,00597
0,00597
25
0,00410
0,00385
0,00456
0,00456
30
0,00385
0,00371
0,00458
0,00458
40
0,00371
0,00371
0,00373
0,00373
50
0,00358
0,00358
0,00335
0,00335
60
---
---
0,00333
0,00333
80
---
---
0,00325
0,00325
100
---
---
0,00316
0,00316
125
---
---
0,00314
0,00314


Similar Part No. - 8345-F03Z-R0

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
8345-F03Z-R0F1-DB1B1B-5A E-T-A-8345-F03Z-R0F1-DB1B1B-5A Datasheet
1Mb / 9P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
8345-F03Z-R0F2-DB1B1B-5A E-T-A-8345-F03Z-R0F2-DB1B1B-5A Datasheet
1Mb / 9P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
8345-F03Z-R0K1-DB1B1B-5A E-T-A-8345-F03Z-R0K1-DB1B1B-5A Datasheet
1Mb / 9P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
More results

Similar Description - 8345-F03Z-R0

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0552A GENERAL-C0552A Datasheet
60Kb / 1P
COMMUNICATION AND CONTROL CABLE
C0562A GENERAL-C0562A Datasheet
60Kb / 1P
COMMUNICATION AND CONTROL CABLE
C1676A GENERAL-C1676A Datasheet
58Kb / 1P
COMMUNICATION AND CONTROL CABLE
C3115 GENERAL-C3115 Datasheet
58Kb / 1P
COMMUNICATION AND CONTROL CABLE
logo
List of Unclassifed Man...
8690 ETC2-8690 Datasheet
101Kb / 3P
Audio, Control and Instrumentation Cable
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
Protection of loads in power distribution systems in control cabinets and process control
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
Process control systems, instrumentation, communications systems,
8330-F ETAL-8330-F Datasheet
326Kb / 6P
Power supplies, process control, switchgear and controlgear
8335-F ETAL-8335-F Datasheet
441Kb / 6P
Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com