Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-F03Z-R0 Datasheet(PDF) 2 Page - ETAL Group

Part # 8345-F03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-F03Z-R0 Datasheet(HTML) 2 Page - ETAL Group

  8345-F03Z-R0 Datasheet HTML 1Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
2
1
Ordering information for EN 60934 and UL 1077
Type No.
8345
Mounting
B flange mounting, with rectangular aperture with mounting nut 6-32UNC
C flange mounting, with rectangular aperture with mounting nut M3
F flange mounting, with round aperture with mounting nut M3
Configuration
0 without barrier
1 with small barrier
2 with large barrier (requested for multipole AC applications)
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
4 four pole protected
Actuator configuration
A
all poles with standard toggle
B
reduced number of standard toggles
Z
without actuator
Terminal design
P blade terminals ≤ 35 A
R round connectors 6 mm
U stud terminals M6 ≤ 125 A
V stud terminals 1/4-20UNC-3A ≤ 125 A
W laminated round terminals ≤ 125 A
Terminal hardware
0 without
3 with washer and nut
Characteristic curve *)
Characteristic curve, instantaneous:
F1 DC
F2 AC 60/50 Hz
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2 AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Version
D standard
Colour configuration
B1 black actuator
Marking
front plate
actuator base
B1 without
ON-OFF
B2 I
N
ON-OFF
Rated voltage
B AC or ≤ 80 V DC
Current ratings
0.05...125 A
higher current ratings
upon request
8345 - C 0 1 A - U 3 M1 - D B1 B1 B - 60 A ordering example
Remote trip coil available to special order.
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Type number
X8345
Module
S auxiliary contact module
Auxiliary contacts
01 in all poles
02 in pole 1 only
Auxiliary contact version
K auxiliary contacts (symmetrical terminals)
Auxiliary contact function
W1 1 changeover
Terminal design
02 microswitch with blade terminals
DIN 46244-A2.8-0.5
M mounted to base unit
X8345 - S 01 K W1 02 M ordering example
Ordering information for auxiliary contact module
Note:
Move actuator of multipole devices slowly and smoothly into
ON position to ensure reliable latch-on behaviour of all poles.
Approvals
Authority Standard
Rated voltage Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.016 A…80 A
0.016 A…80 A
0.02 A…125 A
UL
UL 1077
C22.2 No
235
AC 277/480 V
AC 277 V
DC 80 V
0.02 A…70 A
0.02 A…70 A
0.02 A…125 A
UL
UL 489
C22.2
No 5
AC 120/240 V
AC 240 V
AC 120 V
DC 80 V
0.05 A…80 A (2 pole)
0.05 A…20 A (1 pole)
0.05 A…80 A (1 pole)
0.05 A…125 A (1+2 pole)
CSA
CQC
GB
17701
AC 240/415 V
AC 240 V
DC 80 V
DC 110 V
0.02 A…80 A (3 pole)
0.02 A…80 A (1 + 2 pole)
0.02 A…125 A (1 + 2 pole)
0.05 A…125 A (1 + 2 pole)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com