Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-F03Z-R0 Datasheet(PDF) 9 Page - ETAL Group

Part # 8345-F03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-F03Z-R0 Datasheet(HTML) 9 Page - ETAL Group

Back Button 8345-F03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 9Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Remote ON/OFF actuation X8345-R for Circuit Breaker 8345
www.e-t-a.de
1651
9
1
Remote trip module X8345-F for Circuit Breaker 8345-...
The X8345-R is an additional module which provides remotely controlled
ON and OFF functionality for the E-T-A series 8345 magnetic circuit
breaker range. The module actuator, which is motor driven, is factory
fitted adjacent to the circuit breaker(s) which it is controlling. The module
can be operated by a suitable external changeover switch, momentary
switches (one ON, one OFF). The status of the actuator will follow the
position of the external switch, i.e. if the circuit breaker trips electrically
or is operated manually, the actuator will not change.
A single module will control a single pole breaker or multipole circuit
breakers up to 2 poles. In the application it has to be ensured that the
supply voltage is maintained at all times.
When switching the circuit breaker OFF manually the module has also to
be switched off by means of te changeover switch before switching the
breaker on again. The same is true for normal switch-on of the breaker.
US patent number: US 7,532,095 B2
Description
Typical applications
Ordering information
Internal connection diagrams
Remote circuit breaker control (ON/OFF) for communication systems,
marine installations, automation equipment and similar requirements.
changeover switch
(not part of the product)
momentary switch
(not part of the product)
8345 with Si
8345 with Si
X8345-R
X8345-R
single pole, hydraulic-magnetic protection,
with remote ON/OFF actuation
(actuated by two momentary switches)
single pole, hydraulic-magnetic protection,
with remote ON/OFF actuation
(operated by changeover switch)
OFF
ON
M
-+
111
2
12 14
ON
-+
M
2
12 14
111
C
OFF C
Technical data
Voltage rating
DC 24 V (16...32 V)
ON duty
50 % / 60 sec
Trip time
< 2 sec
Blocking current
< 1.5 A
Control current
< 3 mA
Typical life
10,000 operations (ON/OFF)
Ambient temperature
-25...70 °C (-13...158 °F)
Insulation co-ordination
(IEC 60664)
2.5 kV/2 (EN 60934)
Dielectric strength
pole to module
test voltage AC 1,500 V (EN 60934)
Insulation resistance
> 100 MΩ (DC 500 V)
Vibration
10 g (57-2000 Hz), ± 0,76 mm (10-57 Hz)
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
100 g (11 ms) to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH,
to IEC 60068-2-78, test Cab
Mass
approx. 65 g (without base unit)
Type number
X8345 Module for type 8345, 1, 2 pole and 3 pole
Module
R remote ON/OFF actuation
Operating voltage
24 DC 24 V
Add-on version
01 mounted on right side
Mounting method
00 front panel mounting (standard)
02 2-bracket: module and circuit breaker fitted
Terminal design
01 spring loaded screwless terminal 5-pin
Supply status
M
module mounted to the base unit
X8345 - R 24 01 00 01 M
ordering example
X8345-R
X8345-R-24-01-00-01-M
X8345-R-24-01-02-01-M
Preferred types Remote Control
Caution:
During actuation of the remote control, free travel of the toggle must
be ensured.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com