Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-F03Z-R0 Datasheet(PDF) 8 Page - ETAL Group

Part # 8345-F03Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-F03Z-R0 Datasheet(HTML) 8 Page - ETAL Group

Back Button 8345-F03Z-R0 Datasheet HTML 2Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 3Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 4Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 5Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 6Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 7Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 8Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 9Page - ETAL Group 8345-F03Z-R0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Remote trip module X8345-F for Circuit Breaker 8345-...
www.e-t-a.de
1651
8
1
A module which adds remote trip capability to all versions of type 8345.
A voltage applied across the coil, by means of an external sensor for
example, will cause disconnection of the main switch/circuit breaker
mechanism.
Description
Typical applications
Ordering information
Internal connection diagram
Technical data
Dimensions
LOAD
LINE
Additional remote trip module
23.2
16.4
16
8.3
.645
.913
.327
.63
Electrical monitoring of safety systems, remote trip.
1-pole protected
hydraulic-magnetically
with additional
remote trip coil
line
1
2
-
+
FA
Voltage ratings
DC 12 V; DC 24 V; DC 48 V
Power consumption
approx. 40 W
Pulse operation
20 ms < t
ON < 100 ms/tOFF > 10 sec
(Continuous duty possible for multipole
devices upon request)
Typical life
10,000 operations at UN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
(IEC 60664)
2.5 kV/2 (EN 60934)
Dielectric strength
test voltage
between main circuit
and trip coil circuit
AC 3,000 V (EN 60934)
Insulation resistance
> 100 MΩ (DC 500 V)
Vibration
6 g (57-2000 Hz) ± 0.46 mm (10-57 Hz)
shock direction 1/2
4 g (57-2000 Hz) ± 0.30 mm (10-57 Hz)
shock direction 3/4
3 g (57-2000 Hz) ± 0.23 mm (10-57 Hz)
shock direction 5/6
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
100 g (11 ms)
(not when mounted upside down)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 8.5 g (without base unit)
Type No.
X8345 Module for type 8345
Module
F remote trip module
Assembly version
01 only in pole 1
02 only in pole 2
Remote trip version
X1 DC
Voltage rating
24 24 V
48 48 V
Terminal design
02 blade terminals DIN 4644-A2.8-0.5
M module mounted to circuit breaker
X8345 - F 01 X1 24 02 M ordering example
Voltage ratings and typical internal resistance values
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved. Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Current rating (A)
Internal resistance (Ω)
DC 12 V
3.4
DC 24 V
13.9
DC 48 V
64.3
Preferred types remote trip module:
X8345-F-01-X1-24-02-M
X8345-F-01-X1-48-02-M
Preferred types



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com