Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS30-S Datasheet(PDF) 2 Page - ETAL Group

Part # ESS30-S
Description  Low Energy Breaker with 30 % reduction of power loss compared to competitive product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS30-S Datasheet(HTML) 2 Page - ETAL Group

  ESS30-S Datasheet HTML 1Page - ETAL Group ESS30-S Datasheet HTML 2Page - ETAL Group ESS30-S Datasheet HTML 3Page - ETAL Group ESS30-S Datasheet HTML 4Page - ETAL Group ESS30-S Datasheet HTML 5Page - ETAL Group ESS30-S Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electronic circuit breaker ESS30-Sxxx-DC24V
Electronic circuit breaker ESS30-Sxxx-DC24V
www.e-t-a.de
2
1617
4
Technical data (Tamb = 25 °C, UB = DC 24 V)
Error message:
Signal output F
potential-free signal contact switches
simultaneously with physical isolation,
max. DC 30 V / 2 A, min. DC 12 V / 10 mA
Signal output ESS30-S003 blue push button is in ON position:
Signal change over contact signal contact 13-14 is closed
13-12 is open
blue push button is in OFF position:
signal contact 13-14 is open
13-12 is closed
Visual status indication
LED green
UB is applied and switch S1 is ON and no
overload, no short circuit
OFF condition LED off
l
device switched off (switch S1 is OFF)
l
load circuit physically isolated
l
no operating voltage UB
LED orange
overload conditions > 1.2 times rated
current until, electronic disconnection
LED red
electronic disconnection upon overload,
short circuit or undervoltage
General data
Fail-safe element
back-up fuse for ESS30-S.. not required
due to integral redundant fail-safe
element (protective element)
Blade terminals
6.3 mm to EN 60934-6.3-0.8
Housing material
moulded
Mounting
pluggable into power distribution systems
for side-by-side mounting (module 17plus
or 18plus by E-T-A)
Ambient temperature
0...+60 °C (without condensation, cf. EN
60204-1)
Storage temperature
-40...+70 °C
Humidity
96 hours at 95 % RH, 40 °C
to IEC 60068-2-78,-Cab
climate class 3K3 to EN60721
Vibration
3 g test to IEC 60068-2-6, test Fc
Degree of protection
operating area IP30 EN 60529
installation area IP00 EN 60529
EMC requirements
noise emission: EN 61000-6-3
(EMC directive, CE logo) susceptibility: EN 61000-6-2
Insulation co-ordination
0.5 kV / pollution degree 2
(IEC 60934)
reinforced insulation in operating area
Dielectric strength
(see also dimensions)
operating area
test voltage AC 1000 V
installation area
test voltage AC 500 V
load circuit
auxiliary contact
test voltage AC 500 V
Insulation resistance
> 100 MΩ (DC 500 V) between
(OFF condition)
LINE (+) and LOAD (+)
Dimensions (w x h x d)
12.5 x 78.5 x 60 mm (tolerances to
DIN ISO 286 part 1 IT13)
Operating force
ON
5...8 N
OFF
7...10 N
Mass
approx. 39 g
Ttype
ESS30
Electronic circuit breaker with current limitation
Mounting
S
Version
0 with physical isolation in the event of a failure
Signal input
0 without signal input
Signal output:
3
double auxiliary change over contact
(min. 12 V/10 mA; max. 30 V/2 A)
Operating voltage
DC 24 V voltage rating DC 24 V
Current ratings
0.5 A
1 A
2 A
3 A
3.6 A
4 A
6 A
8 A
10 A
ESS30 - S 0
0 3 - DC 24 V - 6 A ordering example
Order numbering code
Notes
l
The user has to ensure that the cable cross section of the load
circuit in question complies with the current rating of the ESS30-S
used.
l
In addition special precautions must be taken in the system or
machine (e.g. use of a safety PLC) which reliably prevent an
automatic re-start of parts of the system (cf. Machinery Directive
2006/42/EG and EN 60204-1, Safety of Machinery). In the event
of a failure (short circuit/overload) the load circuit will be discon-
nected electronically with physical isolation of the contacts by the
ESS30-S.
Approvals of ESS30-S
Approval
authority
Standard
Rated voltage
Current ratings
VDE
EN 60934
DC 24 V
0.5 A…10 A
UL
UL 1077
DC 24 V
0.5 A…10 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com