Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS30-S Datasheet(PDF) 1 Page - ETAL Group

Part # ESS30-S
Description  Low Energy Breaker with 30 % reduction of power loss compared to competitive product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS30-S Datasheet(HTML) 1 Page - ETAL Group

  ESS30-S Datasheet HTML 1Page - ETAL Group ESS30-S Datasheet HTML 2Page - ETAL Group ESS30-S Datasheet HTML 3Page - ETAL Group ESS30-S Datasheet HTML 4Page - ETAL Group ESS30-S Datasheet HTML 5Page - ETAL Group ESS30-S Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
Electronic circuit breaker ESS30-Sxxx-DC24V
1617
1
4
Operating data
Operating voltage UB
DC 24 V (18...30 V)
Current ratings IN
fixed ratings:
0.5 A; 1 A; 2 A; 3 A; 3,6 A; 4 A;
6 A; 8 A; 10 A;
Standby current I0
in ON condition: typically 4 mA
Trip current (bimetal)
typically 0.4 A (only under fault condition,
till physical isolation)
Visual status
l
multicoloured LED:
indication
green:
- device is ON (S1 = ON)
load circuit connected
orange:
- overload or short circuit until
electronic disconnection
red:
- device switched OFF electronically
load circuit OFF
- undervoltage (UB < 14 V)
OFF:
- manually OFF (S1 = OFF)
load circuit physically isolated
or device is dead-voltage
l
Potential-free signal contact
l
On/off position of the switch S1
Load circuit
Load output
power MOSFET switching output
(plus switching)
Overload and short
typically 1.2 x IN
circuit disconnection
with active current limitation
Trip times for
see time/current characteristic
electronic disconnection
overload trip time typically 500 ms
short circuit trip time depending on
current rating (see table 1)
for physical isolation
typically 5 s (3 ... 9 s)
Temperature disconnection internal temperature monitoring with
physical isolation
Undervoltage
with hysteresis, no reset required:
monitoring
»OFF« at UB < 14 V
of load output
»ON« at UB > 17 V
Switch-on delay tStart
typically 2 ms after each ON operation,
reset and after applying of UB
Capacitive loads
up to 40,000 µF
Free-wheeling diode
external free-wheeling diode
recommended for inductive load
Parallel connection of
several load outputs
not allowed
Description
Technical data (Tamb = 25 °C, UB = DC 24 V)
ESS30-S...
The electronic circuit protector ESS30-S with physical isolation is
the globally unique electronic overcurrent protection for DC 24 V
applications as a “low energy breaker”. It meets the requirements to
DIN EN 60934 and UL 1077 as a Supplementary Protector in central
and decentralised energy supply units. The compact device can be
plugged into the terminal block systems 17plus and 18plus and is
also suitable for the SVS power distribution systems, ensuring quick
and easy installation.
DC 24 V switch-mode power supplies are widely used in automation
today. In the event of an overload, however, they turn down the output
voltage which is intended to power all connected loads. So if there is
a failure in a single load of the system, the supply voltage will break
down also in all other load circuits. Not only does this frequently cause
undefined fault conditions, but it can even lead to machine stoppages
or system downtimes.
In this context selectivity means that type ESS30-S responds faster
to any overload or short circuit conditions in a load circuit than the
switch-mode power supply. This is ensured by the combination of
active electronic current limitation and well-proven circuit breaker
technology including physical isolation.
The max. possible overcurrent is limited to typically 1.2 times rated
current (see table 1). This allows switching on capacitive loads of up
to 40,000 µF, but a disconnection will only be effected in the event of
an overload or short circuit. For adjustment to the load conditions the
current rating can be selected in fixed values from 0.5 A to 10A. Visual
status indication is by means of a multicoloured LED and by integral
signal outputs. The manual ON/OFF switch on the device itself allows
start-up of certain individual load circuits and reset after disconnec-
tion on grounds of overcurrent.
As soon as the ESX30-S detects an overload or short circuit in its load
circuit, it blocks the load output transistor and disconnects the current
flow in the faulty circuit. Physical isolation is activated. After remedy
of the failure, the load output of the ESS30-S is re-activated manually
by actuating the ON/OFF switch on the device.
Features and Benefits
l
Low Energy Breaker with 30 % reduction of power loss
compared to competitive product
l
Ambient temperatures up to 60 °C
l
Selective load protection with physical isolation in the
event of a failure
l
Compact design, 30 % height reduction compared to
equivalents at a width of only 12.5 mm
l
One trip curve for all loads (DC 24 V motors upon request)
l
Active current limitation when switching on capacitive loads
up to 40,000 µF and in case of overload/short circuit
l
Fixed current ratings from 0.5 A to 10 A
l
Reliable overload disconnection typically from 1.2 x IN even with
long load lines or small cable cross sections
l
Manuel ON/OFF switch (push-push actuation)
l
Clear status indication by means of LED
l
Integral fail-safe element, adjusted to current rating
l
Width per channel only 12.5 mm
l
Can be plugged into side-by-side mounted power distribution
modules 17plus, 18plus and SVSxx


Similar Part No. - ESS30-S

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
ESS30-S E-T-A-ESS30-S Datasheet
700Kb / 4P
Electronic circuit breaker ESS30-S
ESS30-S001-DC24V-10A E-T-A-ESS30-S001-DC24V-10A Datasheet
860Kb / 6P
Electronic circuit breaker ESS30-Sxxx-DC24V
ESS30-S001-DC24V-1A E-T-A-ESS30-S001-DC24V-1A Datasheet
860Kb / 6P
Electronic circuit breaker ESS30-Sxxx-DC24V
ESS30-S001-DC24V-2A E-T-A-ESS30-S001-DC24V-2A Datasheet
860Kb / 6P
Electronic circuit breaker ESS30-Sxxx-DC24V
ESS30-S001-DC24V-3A E-T-A-ESS30-S001-DC24V-3A Datasheet
860Kb / 6P
Electronic circuit breaker ESS30-Sxxx-DC24V
More results

Similar Description - ESS30-S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
logo
Advanced Crystal Techno...
ACT7A01 ACT-ACT7A01 Datasheet
94Kb / 1P
a range of cost competitive VCXOs
03/04/07
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
Ohmite Mfg. Co.
RES-AS-SMD OHMITE-RES-AS-SMD Datasheet
646Kb / 2P
Reduction of assembly costs
logo
Taiwan Semiconductor Co...
TS19751 TSC-TS19751 Datasheet
251Kb / 7P
Competitive bill of material design
logo
Skeleton Technologies. ...
51V177F SKELETON-51V177F Datasheet
419Kb / 3P
Up to 72% more energy in light-rail applications compared to other ultracapacitor modules
2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com