Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS30-S Datasheet(PDF) 3 Page - ETAL Group

Part # ESS30-S
Description  Low Energy Breaker with 30 % reduction of power loss compared to competitive product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS30-S Datasheet(HTML) 3 Page - ETAL Group

  ESS30-S Datasheet HTML 1Page - ETAL Group ESS30-S Datasheet HTML 2Page - ETAL Group ESS30-S Datasheet HTML 3Page - ETAL Group ESS30-S Datasheet HTML 4Page - ETAL Group ESS30-S Datasheet HTML 5Page - ETAL Group ESS30-S Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-t-a.de
Electronic circuit breaker ESS30-Sxxx-DC24V
1617
3
4
Electronic circuit breaker ESS30-Sxxx-DC24V
Table 1: Voltage drop, current limitation, trip times, fail-safe element, max. load current
current rating
IN
typical
voltage drop
UON at IN
active current
limitation
typically
trip
time
IKS
typically 1)
trip
time
IOL
typically 2)
fail-safe
element
max. load current at 100 % ON duty
TAmb = 40 °C TAmb = 50 °C TAmb = 60 °C
0.5 A
90 mV
1.2 x rated
current
500 ms
500 ms
2 A
0.5 A
0.5 A
0.5 A
1 A
100 mV
1.2 x rated
current
500 ms
500 ms
2 A
1 A
1 A
1 A
2 A
110 mV
1.2 x rated
current
500 ms
500 ms
4 A
2 A
2 A
2 A
3 A
150 mV
1.2 x rated
current
500 ms
500 ms
6.3 A
3 A
3 A
3 A
3.6 A
155 mV
1.2 x rated
current
350 ms
500 ms
6.3 A
3.6 A
3.6 A
3.6 A
4 A
160 mV
1.2 x rated
current
280 ms
500 ms
6.3 A
4 A
4 A
4 A
6 A
170 mV
1.2 x rated
current
150 ms
500 ms
10 A
6 A
6 A
6 A
8 A
190 mV
1.2 x rated
current
280 ms
500 ms
15 A
8 A
7.5 A
7 A
10 A
210 mV
1.2 x rated
current
200 ms
500 ms
15 A
9.5 A
9 A
8.5 A
Note:
When mounted side-by-side without convection the devices can only carry max. 80 % of their rated current continuously (100 %
ON duty) due to thermal effect.
1) short circuit
2) overload
Connection diagram ESS30-S003-... (Example)
LOAD (+)
load output
14
12
13
SO
SI
SC
signal output
operating condition
green / orange / red
ON / OFF
Line (+)
DC 24 V
Example ESS30-S003
fail-safe
Rsense
GND (-)
Dimensions ESS30-S
ESS30-S003-DC24V-0.5A
Made in Germany
Electronic Circuit Breaker
GERMAN
Y
operating
area
blade terminals to
EN 60934-6,3x0,8
reverse plug-in
protection
installation
area
60
50
6 x 6,8 = 40,8
6,8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com