Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS30-S Datasheet(PDF) 4 Page - ETAL Group

Part # ESS30-S
Description  Low Energy Breaker with 30 % reduction of power loss compared to competitive product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS30-S Datasheet(HTML) 4 Page - ETAL Group

  ESS30-S Datasheet HTML 1Page - ETAL Group ESS30-S Datasheet HTML 2Page - ETAL Group ESS30-S Datasheet HTML 3Page - ETAL Group ESS30-S Datasheet HTML 4Page - ETAL Group ESS30-S Datasheet HTML 5Page - ETAL Group ESS30-S Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electronic circuit breaker ESS30-Sxxx-DC24V
Electronic circuit breaker ESS30-Sxxx-DC24V
www.e-t-a.de
4
1617
4
ESS30-S Signal output / (connection diagrams)
Typical time/current characteristic (Tamb = 25 °C)
without signal input
with signal output f
single signal, change-over
operating condition
13-14 closed; 13-12 open
fault condition
13-12 open; 13-14 closed
GND 11
SC 13
SO 14
SI 12
ESS30-S003
The auxiliary contacts are shown in
OFF or fault condition
2 LOAD +
LINE + 1
trip time depends
on rated current
(see table 1)
IK
10000
1000
1
2
4
...times rated current
100
10
1
0,5
0,1
0,01
3
5
max. 1.35 x I
N
disconnection and
current limitation
typically 1.2 x IN
min. 1.05 x I
N
0
l
The overload trip time is typically 500 ms
(e.g. ESS30-S...-6A)
l
The electronic current limitation typically begins at
1.2 x IN. This means: under all overload conditions (independent
of power supply and load circuit resistance) typically 1.2 times
rated current is applied until disconnection. The corresponding
current limitation value ILimit depends on the current rating of
the device IN.
l
Without the current limitation getting into effect at typically
1.2 x IN there would be a much higher overcurrent in the event
of an overload or short circuit.
l
Reset of the circuit breaker is only possible approximately
10 sec after tripping.
Connection diagram ESS30-S003-... (Example)
operating area
mounting area
1 Line +
11 GND
13 SC
14 SO
12 SI
2 Load +



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com